Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W2PE-5AB-M2/CE Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # W2PE-5AB-M2/CE
Description  Space-saving Dual Output Signal Conditioners Mini-MW Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

W2PE-5AB-M2/CE Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  W2PE-5AB-M2/CE Datasheet HTML 1Page - M-System Co.,Ltd. W2PE-5AB-M2/CE Datasheet HTML 2Page - M-System Co.,Ltd. W2PE-5AB-M2/CE Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: W2PE
W2PE SPECIFICATIONS
ES-5506 Rev.8 Page 3/3
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
4
8 7
10
21.5 (.87)
84 (3.31)
10 (.39)
22 (.87)
DIN RAIL
35mm wide
[4 (.16)]
11–M3
SCREW
29.5 (1.16)
2–4.2x5
(.17x.20)
MTG HOLE
6 (.24) deep
114 (4.49)
11
5
6
1
2
3
9
6 (.23)
• When mounting, no extra space is needed between units.
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
V
U
v
u
FUSE
VT
LOAD
SOURCE
Base Socket
1
2
5
4
9
U(+)
V(–)
POWER
10
11
Note: The section enclosed by broken line is only with 2nd output option.
+
–
OUTPUT 1
+
–
Isolation
S
Z
Output
Driver
S
Z
Output
Driver
OUTPUT 2
7
8
3
6
RMS
Operation
INPUT
TRANSFORMER
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com