Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14546 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 14546
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

14546 Datasheet(HTML) 1 Page - Festo Corporation.

  14546 Datasheet HTML 1Page - Festo Corporation. 14546 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
MDH-5/3G-3/4-D-4
Part number: 14546
Data sheet
Feature
Value
Valve function
5/3, closed
Actuation type
Electrical
Width
76 mm
Standard nominal flow rate
4800 l/min
Pneumatic working port
Sub-base, size 4 as per ISO 5599-1
G3/4
Operating voltage
Via solenoid coil, to be ordered separately
Operating pressure
3 bar ... 16 bar
Design
Piston gate valve
Reset method
Mechanical spring
Degree of protection
IP65
Nominal width
18 mm
Width dimension
82 mm
Type code
MDH
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Conforms to standard
ISO 5599-1
Manual override
Non-detenting
ISO code
456
Type of control
Pilot-controlled
Pilot air supply port
Internal
Flow direction
Non-reversible
Symbol
00991080
Lap
Overlap
Switching time off
290 ms
On switching time
85 ms
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Temperature of medium
-10 °C ... 60 °C
Noise level
85 dB(A)
Ambient temperature
-10 °C ... 50 °C
Product weight
2600 g
Type of mounting
On sub-base
With through-hole and screw
Pilot exhaust air port 82
M5
9/16/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 14546

ManufacturerPart #DatasheetDescription
logo
Heyco.
14546 HEYCO-14546 Datasheet
393Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
Evolt
14546 EKTOR-14546 Datasheet
118Kb / 2P
RAZOR SWING
5th of February 2025 07:55:28
logo
Weidmuller
1454620000 WEIDMULLER-1454620000 Datasheet
360Kb / 7P
BLZP 5.08HC/05/180 AU BK BX SO
More results

Similar Description - 14546

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com