Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4077B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4077B
Description  QUAD EXCLUSIVE NOR GATE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4077B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4077B Datasheet HTML 1Page - STMicroelectronics HCF4077B Datasheet HTML 2Page - STMicroelectronics HCF4077B Datasheet HTML 3Page - STMicroelectronics HCF4077B Datasheet HTML 4Page - STMicroelectronics HCF4077B Datasheet HTML 5Page - STMicroelectronics HCF4077B Datasheet HTML 6Page - STMicroelectronics HCF4077B Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
September 2001
s
MEDIUM-SPEED OPERATION
tPHL = tPLH = 65ns (Typ.) at CL = 50 pF and
VDD = 10V
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B " STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
The HCF4077B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
The
HCF4077B
contains
four
independent
exclusive NOR gates. This device provides the
system
designer
with
a
means
for
direct
implementation
of
the
exclusive-NOR.
For
applications
as
logical
comparators,
adders/
subtractors, parity generator and checkers.
HCF4077B
QUAD EXCLUSIVE NOR GATE
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4077BEY
SOP
HCF4077BM1
HCF4077M013TR
DIP
SOP


Similar Part No. - HCF4077B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4077B STMICROELECTRONICS-HCF4077B Datasheet
273Kb / 11P
GATES
Sep-1988
HCF4077BC1 STMICROELECTRONICS-HCF4077BC1 Datasheet
273Kb / 11P
GATES
Sep-1988
HCF4077BEY STMICROELECTRONICS-HCF4077BEY Datasheet
273Kb / 11P
GATES
Sep-1988
HCF4077BF STMICROELECTRONICS-HCF4077BF Datasheet
273Kb / 11P
GATES
Sep-1988
HCF4077BM1 STMICROELECTRONICS-HCF4077BM1 Datasheet
273Kb / 11P
GATES
Sep-1988
More results

Similar Description - HCF4077B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC7266A MOTOROLA-MC74HC7266A Datasheet
137Kb / 6P
Quad 2-Input Exclusive NOR Gate
logo
NXP Semiconductors
74HC7266 PHILIPS-74HC7266 Datasheet
29Kb / 4P
Quad 2-input EXCLUSIVE-NOR gate
December 1990
logo
STMicroelectronics
M54HC266 STMICROELECTRONICS-M54HC266 Datasheet
246Kb / 11P
HC266 QUAD EXCLUSIVE NOR GATE WITH OPEN DRAIN HC7266 QUAD EXCLUSIVE NOR GATE
Mar-1993
logo
Toshiba Semiconductor
TC74HC7266AP TOSHIBA-TC74HC7266AP Datasheet
179Kb / 4P
QUAD EXCLUSIVE NOR GATE
18-Aug-1998
logo
List of Unclassifed Man...
74S135FC ETC-74S135FC Datasheet
57Kb / 1P
QUAD EXCLUSIVE-OR / NOR GATE
logo
Micro Electronics
MMC4070 MICRO-ELECTRONICS-MMC4070 Datasheet
125Kb / 3P
QUAD EXCLUSIVE-OR GATE 4070, QUAD EXCLUSIVE-NOR GATE 4077
logo
Harris Corporation
CD4070B HARRIS-CD4070B Datasheet
60Kb / 7P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Toshiba Semiconductor
TC74HC7266AP TOSHIBA-TC74HC7266AP_07 Datasheet
225Kb / 7P
Quad Exclusive NOR Gate
logo
STMicroelectronics
M74HC7266 STMICROELECTRONICS-M74HC7266 Datasheet
174Kb / 9P
QUAD EXCLUSIVE NOR GATE
Jul-2001
logo
Texas Instruments
CD4070B TI1-CD4070B Datasheet
1Mb / 30P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com