Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2695SD Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2695SD
Description  High Voltage (30V, 1.25A) Step Down Switching Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2695SD Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2695SD Datasheet HTML 6Page - National Semiconductor (TI) LM2695SD Datasheet HTML 7Page - National Semiconductor (TI) LM2695SD Datasheet HTML 8Page - National Semiconductor (TI) LM2695SD Datasheet HTML 9Page - National Semiconductor (TI) LM2695SD Datasheet HTML 10Page - National Semiconductor (TI) LM2695SD Datasheet HTML 11Page - National Semiconductor (TI) LM2695SD Datasheet HTML 12Page - National Semiconductor (TI) LM2695SD Datasheet HTML 13Page - National Semiconductor (TI) LM2695SD Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Physical Dimensions inches (millimeters) unless otherwise noted
14-Lead TSSOP-14EP Package
NS Package Number MXA14A
10-Lead LLP Package
NS Package Number SDC10A
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com