Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5974A Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5974A
Description  IEEE 802.3af/at-Compliant PD Interface Circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5974A Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5974A Datasheet HTML 1Page - Maxim Integrated Products MAX5974A Datasheet HTML 2Page - Maxim Integrated Products MAX5974A Datasheet HTML 3Page - Maxim Integrated Products MAX5974A Datasheet HTML 4Page - Maxim Integrated Products MAX5974A Datasheet HTML 5Page - Maxim Integrated Products MAX5974A Datasheet HTML 6Page - Maxim Integrated Products MAX5974A Datasheet HTML 7Page - Maxim Integrated Products MAX5974A Datasheet HTML 8Page - Maxim Integrated Products MAX5974A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SUPPLIER
PHONE
WEBSITE
AVX Corporation
843-946-0238
www.avxcorp.com
Bel Fuse Inc.
201-432-0463
www.belfuse.com
Central Semiconductor Corp.
631-435-1110
www.centralsemi.com
Cooper Bussmann
916-941-1117
www.cooperet.com
Diodes Incorporated
805-446-4800
www.diodes.com
Fairchild Semiconductor
888-522-5372
www.fairchildsemi.com
International Rectifier
310-322-3331
www.irf.com
Murata Electronics North America, Inc.
770-436-1300
www.murata-northamerica.com
Panasonic Corp.
800-344-2112
www.panasonic.com
Pulse Engineering
858-674-8100
www.pulseeng.com
STMicroelectronics
408-452-8585
www.us.st.com
Sumida Corp.
847-545-6700
www.sumida.com
Taiyo Yuden
800-348-2496
www.t-yuden.com
TDK Corp.
847-803-6100
www.component.tdk.com
_________________________________________________________________ Maxim Integrated Products 4
MAX5969A Evaluation Kit
Evaluates: MAX5969A/MAX5974A
Component Suppliers
Note: Indicate that you are using the MAX5969A when contacting these component suppliers.
Quick Start
Required Equipment
• MAX5969AEVkit
• IEEE 802.3af/at-compliant PSE and Category 5e
Ethernet network cable
• -48V,1A-capableDCpowersupply
• Voltmeter
Hardware Connections
The EV kit is fully assembled and tested. Follow the steps
below to verify board operation. Caution: Do not turn on
the power supply until all connections are completed.
1) Use one of the following methods to power the EV kit:
• If network connectivity is required: Connect a
Category 5e Ethernet network cable from the EV
kit input port RJ45 connector to the correspond-
ing PSE Ethernet LAN connection, which provides
power to the EV kit. A modular Ethernet jack
(J1) provides an interface with the Ethernet data
signals only.
• If network connectivity is not required: Connect
a -48V DC power supply between the V+ and
V- PCB pads on the EV kit. Connect the power-
supply positive terminal to the V+ PCB pad and
the negative terminal to the V- PCB pad.
2) Activate the PSE power supply or turn on the external
DC power supply.
3) Using a voltmeter, verify that the EV kit provides +12V
across the VOUT and PGND PCB pads. PGND is
galvanically isolated from the EV kit’s input V+ and
WAD_IN PCB pads.
Detailed Description of Hardware
The MAX5969A EV kit features an Ethernet port network
PD interface-controller circuit for -57V supply rail systems.
The EV kit circuit contains a MAX5969A IEEE 802.3af/
at-compliant network PD interface controller and the
MAX5974A inductive-feedback, spread-spectrum, cur-
rent-mode PWM controller. The EV kit circuit is used in PoE
applications for powering PDs from an unshielded twisted-
pair (UTP) Category 5e Ethernet network cable and PSE
port using endspan or midspan Ethernet systems.
The EV kit demonstrates the full functionality of the
MAX5969A, such as PD detection, PD classification,
inrush current control, and UVLO. Resistors R1 and R4
set the PD detection signature and the PD classification
signatures, respectively.
The EV kit’s power circuit is a galvanically isolated 12W
power supply using the MAX5974A DC-DC current-
mode PWM controller in a synchronous-rectified flyback
DC-DC converter topology. The EV kit receives power
from an IEEE 802.3af/at-compliant PSE and a Category
5e Ethernet network cable connected to the EV kit’s
RJ45 MagJack. The EV kit uses a 1 x 1Gb Ethernet RJ45
MagJack and two full-bridge power rectifiers (D1, D2) to
separate the -57V DC power sent by the PSE. The EV kit
accepts power from an endspan or midspan PSE net-
work configuration. The EV kit also provides an Ethernet
jack (J1) for interfacing to the Ethernet data signals. PCB
pads V+ and V- are available for powering the EV kit
if network connectivity is not required. Common-mode
chokes L1 and L3 are provided for EMI filtering at the
EV kit power supply (V+, V-) and wall adapter (WAD_IN,
WAD_GND) inputs, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com