Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5216DACLITE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5216DACLITE
Description  3.3V Fixed VDD from On-Board LDO (MAX8510)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5216DACLITE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5216DACLITE Datasheet HTML 1Page - Maxim Integrated Products MAX5216DACLITE Datasheet HTML 2Page - Maxim Integrated Products MAX5216DACLITE Datasheet HTML 3Page - Maxim Integrated Products MAX5216DACLITE Datasheet HTML 4Page - Maxim Integrated Products MAX5216DACLITE Datasheet HTML 5Page - Maxim Integrated Products MAX5216DACLITE Datasheet HTML 6Page - Maxim Integrated Products MAX5216DACLITE Datasheet HTML 7Page - Maxim Integrated Products MAX5216DACLITE Datasheet HTML 8Page - Maxim Integrated Products MAX5216DACLITE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Maxim Integrated │ 2
Evaluates: MAX5216
MAX5216DACLite Evaluation Kit
www.maximintegrated.com
Component List (continued)
µMAX is a registered trademark of Maxim Integrated Products,
Inc.
Component Suppliers
Note: Indicate that you are using the MAX5216 when contacting these component suppliers.
Quick Start
Required Equipment
● MAX5216DACLiteEVkit
● The EV kit board is a plug-n-play device that con-
nectstothePCthroughaUSB-AtoMini-Bcable.The
cable is not included, but is widely available from local
stores.
● TheEVkitispreloadedwiththedefaultfirmwarethat
communicates with the MAX5216DACLite evaluation
software. Software can be installed and run on any
Windows-based system.
● Digitalmultimeter(DMM)
Note: In the following sections, software-related items are
identified by bolding. Text in
bold refers to items directly
from the EV kit software. Text in
bold and underlined
refers to items from the Windows operating system.
Procedure
TheEVkitisfullyassembledandtested.Followthesteps
below to verify board operation:
1) Visit
www.maximintegrated.com/evkitsoftware to
download the latest version of the EV kit software,
5216DACLiteRxx-LV.ZIP. Unzip the file and run the
setup.exe.Followtheinstructionstoinstalltheevalua-
tion software on your PC. The program files are copied
and icons are created in the Windows
Start | Programs
menu. Connect the MAX5216DACLite to the PC though
aUSBcable.Noadditionaldriverisneeded;Windows
recognizes the new device as a human interface
device (HID) and automatically finds and installs the
appropriate driver for it. For more information, check
the device properties in:
Device Manager\Human
Interface Control\USB Input Device\Properties →
USB\VID_0B6A&PID_1234.SeeFigure1.
2) RuntheMAX5216DACLite.exeprogram.Theapplica-
tion’sGUIappears,asshowninFigure2.
DESIGNATION
QTY
DESCRIPTION
R1,R2,R10
3
27Ω±1%resistors(0603)
YAGEORC0603FR-0727RL
R3
1
1kΩ±1%resistor(0603)
PanasonicERJ-3EKF1001V
R4–R9
6
0Ω±1%resistors(0603)
YAGEORC0603FR-070RL
U1
1
16-bit VOUTDAC(8µMAX®)
Maxim MAX5216GUA+
U2
1
16-bit microcontroller with
USB2.0interface(64LQFP)
MaximMAXQ622G-0000+
DESIGNATION
QTY
DESCRIPTION
U3
1
3.000V,3ppm/°C,low-power
voltagereference(8µMAX)
MaximMAX6133A30+
U4
1
3.3Vultra-lownoiseLDO
(5SC70)
MaximMAX8510EXK33+
Y1
1
12MHzcrystaloscillator
(HC49US)
Abracon Crystals
ABLS-12.000MH-B4-T
—
1
PCB:MAX5216DACLITE#Rev.A
SUPPLIER
PHONE
WEBSITE
Abracon Corporation
945-546-8000
www.abracon.com
Mill-Max Mfg. Corp.
516-922-6000
www.mill-max.com
Molex
800-768-6539
www.molex.com
MurataElectronicsNorthAmerica,Inc.
770-436-1300
www.murata-northamerica.com
Panasonic Corp.
800-344-2112
www.panasonic.com
TDK Corp.
847-803-6100
www.component.tdk.com
YAGEOCorporation
—
www.yageo.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com