Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL602-89C Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL602-89C
Description  12-27 MHz XO IC with 1 Pair of LVDS and 2 CMOS Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL602-89C Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL602-89C Datasheet HTML 1Page - PhaseLink Corporation PLL602-89C Datasheet HTML 2Page - PhaseLink Corporation PLL602-89C Datasheet HTML 3Page - PhaseLink Corporation PLL602-89C Datasheet HTML 4Page - PhaseLink Corporation PLL602-89C Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PLL602-89C
12-27 MHz XO IC with 1 Pair of LVDS and 2 CMOS Outputs
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 2
PIN DESCRIPTION
Name
Pin
Number
Type
Description
VDD
1
P
Power Supply.
XIN
2
I
Crystal input. This is the input of the crystal oscillator circuitry. The crystal
should be mounted as close to the IC as possible, with minimum parasitic
capacitance.
XOUT
3
I
Crystal output. This is the output of the crystal oscillator circuitry. The crystal
should be mounted as close to the IC as possible, with minimum parasitic
capacitance.
GND
4
P
Ground.
CMOS2_ CLK
5
O
CMOS output.
LVDS_CLK
6
O
LVDS output.
LVDSBAR_CLK
7
O
LVDS complementary output.
CMOS1_CLK
8
O
CMOS output.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other con-
ditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. Crystal Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Crystal Resonator Frequency
FXIN
Parallel Fundamental Mode
12
27
MHz
Crystal Loading Rating
CL (xtal)
21.5
pF
Recommended ESR
RE
30
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com