Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4313 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4313
Description  Single-Supply Operation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4313 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4313 Datasheet HTML 1Page - Maxim Integrated Products MAX4313 Datasheet HTML 2Page - Maxim Integrated Products MAX4313 Datasheet HTML 3Page - Maxim Integrated Products MAX4313 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAX4313 Evaluation Kit
2
_______________________________________________________________________________________
Detailed Description
Setting the Voltage Gain (MAX4310)
The gain of the MAX4310’s amplifier can be set by
changing the feedback (RF) and gain-set (RG) resis-
tors. Refer to the MAX4310/MAX4313 data sheet for
recommended values.
Control of Digital Inputs (A0,
SHDN)
Jumpers JU1 and JU2 provide the user with manual
control of the multiplexer input address (A0) and shut-
down (SHDN), respectively (Table 1). An external con-
troller may also be used on either input by connecting
the controller to the appropriate pad and removing the
shunt from JU1 or JU2. The MAX4313’s A0 and SHDN
pins should not be left floating. For a single +5V sup-
ply, A0 and SHDN are CMOS-logic compatible. The
logic-high threshold is VCC - 1.2V, and the logic-low
threshold is VCC - 2.8V.
Layout Considerations
The PC board layout has been optimized for high-speed
signals and low distortion, with careful attention given
to grounding, power-supply bypassing, and signal-
path layout. The small, surface-mount, ceramic bypass
capacitors (C1, C3) have been placed as close as pos-
sible to the amplifier’s supply pins. The ground plane
has been removed around and under the amplifier to
reduce stray capacitance. Capacitance at the feedback
pin has been minimized by using 0805-size feedback
and gain-set resistors and by removing the adjacent
ground plane.
Table 1. Jumper Selection
VCC
C2
10
µF
10V
C3
0.1
µF
C4
10
µF
10V
C1
0.1
µF
R1
49.9
Ω
R2
49.9
Ω
RG*
0
Ω
36
4
VCC
VEE
VEE
VCC
IN0
5 IN1
IN0
IN1
A0
A0
R3
1
GND
7
VCC
JU1
500
Ω
500
Ω
RF*
OPEN
IN1
1
2
3
IN0
8
2
3
2
1
JU2
OUT
SHDN
OUT
49.9
Ω
SHDN
ENABLE
DISABLE
MAX4313
U1
MUX
* REQUIRED FOR MAX4310
Figure 1. MAX4313 EV Kit Schematic
JUMPER
JUMPER
POSITION
FUNCTION
JU1
1–2
Select IN1.
Open
Drive pad A0 with
external signal.
1–2
Disable output.
2–3
Enable output.
Open
Drive pad SHDN with
external signal.
2–3
Select IN0.
JU2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com