Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL620-21 Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL620-21
Description  Low Phase Noise XO (for HF Fund. and 3-rd O.T.)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL620-21 Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL620-21 Datasheet HTML 1Page - PhaseLink Corporation PLL620-21 Datasheet HTML 2Page - PhaseLink Corporation PLL620-21 Datasheet HTML 3Page - PhaseLink Corporation PLL620-21 Datasheet HTML 4Page - PhaseLink Corporation PLL620-21 Datasheet HTML 5Page - PhaseLink Corporation PLL620-21 Datasheet HTML 6Page - PhaseLink Corporation PLL620-21 Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Preliminary
PLL620-21
Low Phase Noise XO (for HF Fund. and 3rd O.T.)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
www.phaselink.com Rev 07/15/05 Page 3
3. General Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current (Loaded Outputs)
IDD
PECL/LVDS
100/80
mA
Operating Voltage
VDD
3.13
3.47
V
Output Clock Duty Cycle
@ 1.25V (LVDS)
@ Vdd – 1.3V (PECL)
45
45
50
50
55
55
%
Short Circuit Current
±50
mA
4. Jitter specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Period jitter RMS at 155MHz
2.5
Period jitter peak-to-peak at 155MHz
With capacitive decoupling
between VDD and GND.
20
ps
Accumulated jitter RMS at 155MHz
3
Accumulated jitter peak-to-peak at 155MHz
With capacitive decoupling
between VDD and GND. Over
1,000,000 cycles.
25
ps
Integrated jitter RMS at 155MHz
Integrated 12 kHz to 20 MHz
0.3
ps
Note: Higher Q factor of 3rd overtone crystals will result in even better jitter performance.
5. Phase noise specifications
PARAMETERS
FREQUENCY
@10Hz
@100Hz
@1kHz
@10kHz @100kHz
UNITS
Phase Noise vs. carrier
with fund. crystal.
155.52MHz
-80
-110
-125
-143
-145
dBc/Hz
Note: Higher Q factor of 3rd overtone crystals will result in even better phase noise performance.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com