Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL620-2XOC-R Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL620-2XOC-R
Description  Low Phase Noise VCXO (for 100-200MHz Fund Xtal)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL620-2XOC-R Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL620-2XOC-R Datasheet HTML 1Page - PhaseLink Corporation PLL620-2XOC-R Datasheet HTML 2Page - PhaseLink Corporation PLL620-2XOC-R Datasheet HTML 3Page - PhaseLink Corporation PLL620-2XOC-R Datasheet HTML 4Page - PhaseLink Corporation PLL620-2XOC-R Datasheet HTML 5Page - PhaseLink Corporation PLL620-2XOC-R Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PLL620-28/-29
Low Phase Noise VCXO (for 100-200MHz Fund Xtal)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com Rev 07/08/05 Page 2
PIN DESCRIPTIONS
Name
Pin number
Type
Description
XIN
2
I
Crystal input. See Crystal Specifications on page 2.
XOUT
3
I
Crystal output. See Crystal Specifications on page 2.
OE
6
I
Output enable pin. See Output Enable Logic Levels on page 1.
GND
8, 9, 10, 14
P
Ground.
CLKT
11
O
True output PECL (PLL620-28) or LVDS (PLL620-29)
CLKC
13
O
Complementary output PECL (PLL620-28) or LVDS (PLL620-29).
DNC
4, 5, 7, 15, 16
-
DO Not connect.
VDD
1, 12
P
Power supply.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
*
Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. Crystal Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Built-in Load Capacitance
CL
IC only, no PCB
capacitance included.
4
pF
Shunt Capacitance
C0
2
pF
Oscillation Frequency
OF
Fund. Or 3rd Overtone
100
200
MHz
Recommended ESR
RE
30



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com