Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICE2-8IOL-K45P-RJ45 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # ICE2-8IOL-K45P-RJ45
Description  IO-Link master (EIP/MOD)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ICE2-8IOL-K45P-RJ45 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  ICE2-8IOL-K45P-RJ45 Datasheet HTML 1Page - Pepperl+Fuchs Inc. ICE2-8IOL-K45P-RJ45 Datasheet HTML 2Page - Pepperl+Fuchs Inc. ICE2-8IOL-K45P-RJ45 Datasheet HTML 3Page - Pepperl+Fuchs Inc. ICE2-8IOL-K45P-RJ45 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
General specifications
UL File Number
E360395
Indicators/operating means
LED indication
see manual
Electrical specifications
Rated operating voltage
Ue
18 ... 30 V DC
General information
Redundant power
Nominal voltage
24 V DC
Nominal current
3.7 A
Current consumption
typ. 155 mA
Current loading capacity
Total current 3.2 A per module
Interface 1
Interface type
Industrial Ethernet
Physical
RJ45
Protocol
EtherNet/IP + Modbus TCP + OPC UA + MQTT
Modbus max PDI: 33 times / sec
OPC UA max PDI update rate: 20 times / sec
MQTT max PDI update rate: 10 times / sec
Transfer rate
10/100 Mbps
Inputs/Outputs
Number/Type
8 x IO-Link Class A (X1 – X8)
Configurable as:
Max. 8 IO-Link and 8 digital inputs
Max. 16 digital inputs
Max. 8 digital inputs and 8 digital outputs
short-circuit protected
Sensor supply
max. 200 mA Per port Via L+ (pin 1)
Output rated operating current
Ie
max. 200 mA Per port Via C/Q (pin 4)
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 61000-6-2 , EN 61000-6-4
Standard conformity
Degree of protection
EN 60529
Fieldbus standard
Type 1 according to IEC 61131-2, EN 61131-9
Electrical safety
CSA C22.2 No. 61010-1-12 / CSA C22.2 No. 61010-1-201
UL 61010-1 / UL 61010-1-201
Emitted interference
EN 61000-6-4, FCC Part 15 Subpart B, ICES-001, AS/NZS CISPR 11
Noise immunity
EN 61000-6-2 , EN 61131-2 , EN 61131-9
Shock resistance
EN 60068-2-27
Ambient conditions
Ambient temperature
-40 ... 70 °C (-40 ... 158 °F)
Storage temperature
-40 ... 70 °C (-40 ... 158 °F)
Relative humidity
max. 95 %
Altitude
0 ... 2000 m
Shock and impact resistance
15g, 11ms, half-sine
Vibration resistance
5-8Hz, 3.5mm displacement, 8.4-150Hz, 1.0g acceleration
Mechanical specifications
Housing length
114 mm
Housing width
45 mm
Housing height
118 mm
Degree of protection
IP20
Connection
Power Supply push-in connector
Fieldbus RJ45
Inputs/Outputs push-in connectors
Material
Housing
Polyamide, UL94V-0
Mass
250 g
IO-Link master (EIP/MOD)
ICE2-8IOL-K45P-RJ45
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com