Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICE2-8IOL-K45S-RJ45 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # ICE2-8IOL-K45S-RJ45
Description  IO-Link master (EIP/MOD)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ICE2-8IOL-K45S-RJ45 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  ICE2-8IOL-K45S-RJ45 Datasheet HTML 1Page - Pepperl+Fuchs Inc. ICE2-8IOL-K45S-RJ45 Datasheet HTML 2Page - Pepperl+Fuchs Inc. ICE2-8IOL-K45S-RJ45 Datasheet HTML 3Page - Pepperl+Fuchs Inc. ICE2-8IOL-K45S-RJ45 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Construction type
Cabinet module
Mounting
DIN mounting rail
Connection
IO-Link
Voltage
Ethernet (front of module)
1 = 24 V DC power supply return
2 = 24 V DC power supply return
3 = Primary +24 V DC supply
4 = Secondary +24 V DC supply
1 = Tx+
2 = Tx-
3 = Rx+
4 = n.c.
5 = n.c.
6 = Rx-
7 = n.c.
8 = n.c.
1 = L+
2 = L-
3 = DI
4 = C/Q
Assembly
IO-Link LEDs
DI LEDs
Module status LED
Network status LED
Ethernet link and activity LEDs
IO-Link LEDs
DI LEDs
Port 1
Port 5
Port 2
Port 6
Port 3
Port 7
Port 4
Port 8
NET
MOD
Matching System Components
IQT1-18GM-IO-V1
HF read/write station with IO-Link in accordance with ISO 15693
IO-Link master (EIP/MOD)
ICE2-8IOL-K45S-RJ45
3
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com