Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICE3-8IOL-K45P-RJ45 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # ICE3-8IOL-K45P-RJ45
Description  IO-Link master (PNIO/MOD)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ICE3-8IOL-K45P-RJ45 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  ICE3-8IOL-K45P-RJ45 Datasheet HTML 1Page - Pepperl+Fuchs Inc. ICE3-8IOL-K45P-RJ45 Datasheet HTML 2Page - Pepperl+Fuchs Inc. ICE3-8IOL-K45P-RJ45 Datasheet HTML 3Page - Pepperl+Fuchs Inc. ICE3-8IOL-K45P-RJ45 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IO-Link master (PNIO/MOD)
ICE3-8IOL-K45P-RJ45
< Web-based configuration of module and IO-Link devices
< Integrated IODD storage for more than 100 IODDs
< Downloadable module configuration
< PROFINET IO, Modbus/TCP and OPC UA Support
< Pluggable push-in connectors
PROFINET IO IO-Link master with 8 inputs/outputs, DIN rail, push-in terminals
Function
The module is a PROFINET IO fieldbus module with 8 type A IO-Link master ports according to IO-Link standard V1.1.
The module serves as an interface between the controller of a PROFINET IO fieldbus system and IO-Link devices in the field level. The integrated
web server and IODD interpreter enabling complete configuration of the fieldbus module and attached IO-Link devices without the need for special
software tools. Information regarding the status of the module is also displayed and network parameters such as the IP address and subnet mask
can be configured. The module is capable of storing all configuration enabling stand-alone usage without a higher-level PLC. MutliLink
simultaneously provides data access via different communication protocols like PROFINET IO, Modbus/TCP and OPC UA to multiple controllers.
A pluggable, push-in connector supplies power enabling a current rating of up to 3.7 A.
The inputs and outputs are equipped with pluggable, push-in connectors. Connection to the fieldbus is achieved using a standard RJ45 Ethernet
connector.
Status information for each channel is displayed via LEDs as a diagnostic function.
Dimensions
45.2
113.6
Technical Data
General specifications
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - ICE3-8IOL-K45P-RJ45

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ICE3-8IOL-K45S-RJ45 PF-ICE3-8IOL-K45S-RJ45 Datasheet
1Mb / 4P
IO-Link master (PNIO/MOD)
More results

Similar Description - ICE3-8IOL-K45P-RJ45

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8086604 FESTO-8086604 Datasheet
89Kb / 2P
IO-Link Master
logo
WAGO Kontakttechnik Gmb...
750-657 WAGO-750-657 Datasheet
555Kb / 13P
IO-Link Master
logo
Pepperl+Fuchs Inc.
ICE1-8IOL-G30L-V1D PF-ICE1-8IOL-G30L-V1D Datasheet
857Kb / 4P
IO-Link master
ICE2-8IOL-G65L-V1D PF-ICE2-8IOL-G65L-V1D Datasheet
1Mb / 4P
IO-Link master (EIP/MOD)
ICE2-8IOL-K45P-RJ45 PF-ICE2-8IOL-K45P-RJ45 Datasheet
1Mb / 4P
IO-Link master (EIP/MOD)
ICE2-8IOL-K45S-RJ45 PF-ICE2-8IOL-K45S-RJ45 Datasheet
1Mb / 4P
IO-Link master (EIP/MOD)
ICE3-8IOL-G65L-V1D PF-ICE3-8IOL-G65L-V1D Datasheet
998Kb / 4P
IO-Link master (PNIO/MOD)
ICE3-8IOL-K45S-RJ45 PF-ICE3-8IOL-K45S-RJ45 Datasheet
1Mb / 4P
IO-Link master (PNIO/MOD)
ICE3-8IOL-G65L-V1D-Y PF-ICE3-8IOL-G65L-V1D-Y Datasheet
1Mb / 4P
IO-Link master (PNIO/MOD)
2022-12-12
IO-LINK-MASTER02-USB PF-IO-LINK-MASTER02-USB Datasheet
715Kb / 4P
IO-Link Master
2020-06-30
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com