Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL620-30DI Datasheet(PDF) 5 Page - PhaseLink Corporation

Part # PLL620-30DI
Description  PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL620-30DI Datasheet(HTML) 5 Page - PhaseLink Corporation

  PLL620-30DI Datasheet HTML 1Page - PhaseLink Corporation PLL620-30DI Datasheet HTML 2Page - PhaseLink Corporation PLL620-30DI Datasheet HTML 3Page - PhaseLink Corporation PLL620-30DI Datasheet HTML 4Page - PhaseLink Corporation PLL620-30DI Datasheet HTML 5Page - PhaseLink Corporation PLL620-30DI Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PLL620-30
PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com Rev 11/09/04 Page 5
PAD ASSIGNMENT
Pad #
Name
X (µ
µµµm)
Y (µ
µµµm)
Description
1
Optional GND
248
109
Optional Ground.
2
Optional GND
361
109
Optional Ground.
3
Optional GND
473
109
Optional Ground.
4
Optional GND
587
109
Optional Ground.
5
GND
702
109
Ground.
6
Reserved
874
109
Reserved for future use.
7
Optional GNDBUF
1042
109
Optional Ground, buffer circuitry.
8
GNDBUF
1171
109
Ground, buffer circuitry.
9
OUTSEL
1400
125
Output type selector. Internal pull up. See Output
Selection and Enable table on page 1. Internal pull
up.
10
LVDS
1400
259
LVDS output.
11
PECL
1400
476
PECL output.
12
VDDBUF
1400
616
Power supply, buffer circuitry.
13
Optional VDDBUF
1400
716
Optional Power supply, buffer circuitry.
14
PECLB
1400
871
Complementary PECL output.
15
LVDSB
1400
1089
Complementary LVDS output.
16
Not connected
1400
1227
Not Connected.
17
GNDBUF
1389
1365
Ground, buffer circuitry.
18
Reserved
1232
1365
Reserved for future use.
19
Reserved
1042
1365
Reserved for future use.
20
Not connected
854
1365
Not Connected.
21
Optional VDD
659
1365
Optional Power supply.
22
Optional VDD
559
1365
Optional Power supply.
23
VDD
459
1365
Power supply.
24
Optional VDD
358
1365
Optional Power supply.
25
OESEL
194
1365
Used to choose between PECL and CMOS OE logic
levels. See Output Selection and Enable table on
page 1. Internal pull up
26
XIN
109
1223
Crystal input. See Crystal Specifications on page 2.
27
XOUT
109
1017
Crystal output. See Crystal Specifications on page 2.
28
Not connected
109
858
Not Connected.
29
S2
109
646
Used to select output divider. Internal pull up.
30
OE_CTRL
109
397
Used to enable/disable the output(s). See Output
Selection and Enable table on page 1.
31
Not connected
109
181
Not connected.
Note: for optimal Phase Noise performance, it is recommended to bond all optional VDD and GND pads.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com