Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL520-40DI Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PLL520-40DI
Description  CMOS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL520-40DI Datasheet(HTML) 4 Page - PhaseLink Corporation

  PLL520-40DI Datasheet HTML 1Page - PhaseLink Corporation PLL520-40DI Datasheet HTML 2Page - PhaseLink Corporation PLL520-40DI Datasheet HTML 3Page - PhaseLink Corporation PLL520-40DI Datasheet HTML 4Page - PhaseLink Corporation PLL520-40DI Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PLL520-40
CMOS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/20/04 Page 4
PAD ASSIGNMENT
Pad #
Name
X (
µm)
Y (
µm)
Description
1
Optional GND
248
109
Optional Ground.
2
Optional GND
361
109
Optional Ground.
3
Optional GND
473
109
Optional Ground.
4
Optional GND
587
109
Optional Ground.
5
GND
702
109
Ground.
6
Reserved
874
109
Reserved for future use.
7
Optional GNDBUF
1042
109
Optional Ground, buffer circuitry.
8
Optional GNDBUF
1171
109
Optional Ground, buffer circuitry.
9
Not connected
1400
125
Not Connected.
10
Not connected
1400
259
Not Connected..
11
CMOS OUT
1400
476
CMOS output.
12
VDDBUF
1400
616
Power supply, buffer circuitry.
13
Optional VDDBUF
1400
716
Optional power supply, buffer circuitry.
14
Not connected
1400
871
Not Connected.
15
Not connected
1400
1089
Not Connected.
16
Optional CMOS OUT
1400
1227
Optional CMOS output.
17
GNDBUF
1389
1365
Ground, buffer circuitry.
18
Reserved
1232
1365
Reserved for future use.
19
DRIVE_SEL
1042
1365
Used to select drive strength. See DRIVE_SEL AND
OE_CTRL TABLE on page 1.
20
Not connected
854
1365
Not Connected.
21
Optional VDD
659
1365
Optional power supply.
22
Optional VDD
559
1365
Optional power supply.
23
VDD
459
1365
Power supply.
24
Optional VDD
358
1365
Optional power supply.
25
Not connected
194
1365
Not Connected.
26
XIN
109
1223
Crystal input. See Crystal Specifications on page 2.
27
XOUT
109
1017
Crystal output. See Crystal Specifications on page 2.
28
Not connected
109
858
Not Connected.
29
Not connected
109
646
Not Connected.
30
OE_CTRL
109
397
Used to enable/disable the output(s). See
DRIVE_SEL AND OE_CTRL TABLE on page 1.
Internal pull up.
31
VCON
109
181
Voltage control input.
Note: for optimal Phase Noise performance, it is recommended to bond all optional VDD and GND pads.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com