Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SF081B Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # AT25SF081B
Description  8-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF081B Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button AT25SF081B Datasheet HTML 17Page - Dialog Semiconductor AT25SF081B Datasheet HTML 18Page - Dialog Semiconductor AT25SF081B Datasheet HTML 19Page - Dialog Semiconductor AT25SF081B Datasheet HTML 20Page - Dialog Semiconductor AT25SF081B Datasheet HTML 21Page - Dialog Semiconductor AT25SF081B Datasheet HTML 22Page - Dialog Semiconductor AT25SF081B Datasheet HTML 23Page - Dialog Semiconductor AT25SF081B Datasheet HTML 24Page - Dialog Semiconductor AT25SF081B Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
Datasheet
5-Aug-2021
DS-AT25SF081B-189
Revision E
21
© 2021 Dialog Semiconductor
8-Mbit SPI Serial Flash Memory
with Dual-I/O and Quad-I/O Support
AT25SF081B
Datasheet
7.5.2 Set Burst with Wrap (77h)
The Set Burst with Wrap instruction is used in conjunction with the Quad I/O Fast Read and Quad I/O Word Fast Read instruction
to access a fixed length (8-, 16-, 32-, or 64-byte) section within a 256-byte page in standard SPI mode (see Table 5 and Figure 13).
Figure 13: Set Burst with Wrap Timing (SPI Mode)
The Set Burst with Wrap instruction sequence is: CS goes low
→ Send Set Burst with Wrap instruction → Send 24 Dummy bits
→ Send 8 “Wrap bits” → CS goes high.
If W6-4 is set by a Set Burst with Wrap instruction, all the following “Fast Read Quad I/O” and “Word Read Quad I/O” instructions
use the W6-4 setting to access the 8-, 16-, 32-, or 64-byte section within any page. To exit the “Wrap Around” function and return
to normal read operation, issue another Set Burst with Wrap instruction to set W4=1. The default value of W4 at power-on is 1.
Table 5: Set Burst with Wrap Instruction Functions
W6, W5
W4 = 0
W4 = 1 (Default)
Wrap Around
Wrap Length
Wrap Around
Wrap Length
00
Yes
8 bytes
No
N/A
01
Yes
16 bytes
No
N/A
10
Yes
32 bytes
No
N/A
11
Yes
64 bytes
No
N/A
I/O0
(SI)
SCK
I/O1
(SO)
CS
MSB
23
1
0
01110111
67
5
410 11
9
816
Opcode
XXXX
HIGH-IMPEDANCE
HIGH-IMPEDANCE
HIGH-IMPEDANCE
HIGH-IMPEDANCE
HIGH-IMPEDANCE
HIGH-IMPEDANCE
HIGH-IMPEDANCE
XXXX
Byte 1
Byte 2
I/O2
(WP)
XXXX
I/O3
(HOLD)
XXXX
14 15
13
12
XX W4 X
XX W6 X
XXXX
XX W5 X
Byte 3
Byte 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com