Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SF128A Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # AT25SF128A
Description  128-Mbit Serial NOR Flash Memory with Dual and Quad I/O Support
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF128A Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button AT25SF128A Datasheet HTML 17Page - Dialog Semiconductor AT25SF128A Datasheet HTML 18Page - Dialog Semiconductor AT25SF128A Datasheet HTML 19Page - Dialog Semiconductor AT25SF128A Datasheet HTML 20Page - Dialog Semiconductor AT25SF128A Datasheet HTML 21Page - Dialog Semiconductor AT25SF128A Datasheet HTML 22Page - Dialog Semiconductor AT25SF128A Datasheet HTML 23Page - Dialog Semiconductor AT25SF128A Datasheet HTML 24Page - Dialog Semiconductor AT25SF128A Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
Datasheet
28-Jun-2021
DS-AT25SF128A-168
Revision I
21
© 2021 Dialog Semiconductor
AT25SF128A
Datasheet
128-Mbit Serial NOR Flash Memory
with Dual and Quad I/O Support
6. Fast Word Read Quad I/O Data
IO0 = (x, x, D4, D0,…)
IO1 = (x, x , D5, D1,…)
IO2 = (x, x, D6, D2,…)
IO3 = (x, x, D7, D3,…)
7. Fast Word Read Quad I/O Data:the lowest address bit must be 0.
8. Security Registers Address:
Security Register 1: A23 - A16 = 00h, A15 - A8 = 00010000b, A7 - A0 = Byte Address;
Security Register 2: A23 - A16 = 00h, A15 - A8 = 00100000b, A7 - A0 = Byte Address;
Security Register 3: A23 - A16 = 00h, A15 - A8 = 00110000b, A7 - A0 = Byte Address;
9. Dummy bits and Wraps Bits
IO0 = (x, x, x, x, x, x, w4, x)
IO1 = (x, x, x, x, x, x, w5, x)
IO2 = (x, x, x, x, x, x, w6, x)
IO3 = (x, x, x, x, x, x, x, x)
10. Address, continuous Read Mode bits, Dummy bits, Manufacture ID and Device ID
IO0 = (A20, A16, A12, A8, A4, A0, M4, M0, x, x, x, x, MID4, MID0, DID4, DID0)
IO1 = (A21, A17, A13, A9, A5, A1, M5, M1, x, x, x, x, MID5, MID1, DID5, DID1)
IO2 = (A22, A18, A14, A10, A6, A2, M6, M2, x, x, x, x, MID6, MID2, DID6, DID2)
IO3 = (A23, A19, A15, A11, A7, A3, M7, M3, x, x, x, x, MID7, MID3, DID7, DID3)
8.1 CONFIGURATION AND STATUS COMMANDS
8.1.1 Write Enable (06h)
The Write Enable command is for setting the Write Enable Latch (WEL) bit. The WEL bit must be set before every Page Program,
Sector Erase, Block Erase, Chip Erase, Write Status Register, and Erase/Program Security Registers command.
The Write Enable command sequence: CS goes low sending the Write Enable command CS goes high.
Figure 3: Write Enable Sequence Diagram
SCK
CS
SI
SO
MSB
23
1
0
00000110
67
5
4
OPCODE
High-Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com