Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB081E Datasheet(PDF) 20 Page - Dialog Semiconductor

Part # AT45DB081E
Description  8-Mbit DataFlash (with Extra 256-kbits) 1.7 V Minimum SPI Serial Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB081E Datasheet(HTML) 20 Page - Dialog Semiconductor

Back Button AT45DB081E Datasheet HTML 16Page - Dialog Semiconductor AT45DB081E Datasheet HTML 17Page - Dialog Semiconductor AT45DB081E Datasheet HTML 18Page - Dialog Semiconductor AT45DB081E Datasheet HTML 19Page - Dialog Semiconductor AT45DB081E Datasheet HTML 20Page - Dialog Semiconductor AT45DB081E Datasheet HTML 21Page - Dialog Semiconductor AT45DB081E Datasheet HTML 22Page - Dialog Semiconductor AT45DB081E Datasheet HTML 23Page - Dialog Semiconductor AT45DB081E Datasheet HTML 24Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 79 page
background image
19
AT45DB081E
DS-AT45DB081E–028K–03-2021
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase
properly. If an erase error arises, it is indicated by the EPE bit in the Status Register.
Table 7-1.
Block Erase Addressing
7.9
Sector Erase
The Sector Erase command can be used to individually erase any sector in the main memory.
The main memory array is comprised of nine sectors, and only one sector can be erased at a time. To perform an
erase of Sector 0a or Sector 0b with the standard DataFlash page size (264 bytes), an opcode of 7Ch must be
clocked into the device followed by three address bytes comprised of three dummy bits, nine page address bits
(PA11 - PA3), and 12 dummy bits. To perform a Sector 1-15 erase, an opcode of 7Ch must be clocked into the
device followed by three address bytes comprised of three dummy bits, four page address bits (PA11 - PA8), and
17 dummy bits.
To perform a Sector 0a or Sector 0b erase with the binary page size (256 bytes), an opcode of 7Ch must be
clocked into the device followed by three address bytes comprised of four dummy bits, nine page address bits (A19
- A11), and 11 dummy bits. To perform a Sector 1-15 erase, an opcode of 7Ch must be clocked into the device
followed by four dummy bits, four page address bits (A19 - A16), and 16 dummy bits.
The page address bits are used to specify any valid address location within the sector to be erased. When a low-to
high transition occurs on the CS pin, the device erases the selected sector. The erase operation is internally self-
timed and takes a maximum time of tSE. During this time, the RDY/BUSY bit in the Status Register indicates that
the device is busy.
PA11/
A19
PA10/
A18
PA9/
A17
PA8/
A16
PA7/
A15
PA6/
A14
PA5/
A13
PA4/
A12
PA3/
A11
PA2/
A10
PA1/
A9
PA0/
A8
Block
0
0
0
0
0
0
0
0
0
X
X
X
0
0
0
0
0
0
0
0
0
1
X
X
X
1
0
0
0
0
0
0
0
1
0
X
X
X
2
0
0
0
0
0
0
0
1
1
X
X
X
3
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
1
1
1
1
1
1
1
0
0
X
X
X
508
1
1
1
1
1
1
1
0
1
X
X
X
509
1
1
1
1
1
1
1
1
0
X
X
X
510
1
1
1
1
1
1
1
1
1
X
X
X
511



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com