Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB161E Datasheet(PDF) 48 Page - Dialog Semiconductor

Part # AT45DB161E
Description  16-Mbit DataFlash (with Extra 512-kbits) 2.3 V or 2.5 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB161E Datasheet(HTML) 48 Page - Dialog Semiconductor

Back Button AT45DB161E Datasheet HTML 44Page - Dialog Semiconductor AT45DB161E Datasheet HTML 45Page - Dialog Semiconductor AT45DB161E Datasheet HTML 46Page - Dialog Semiconductor AT45DB161E Datasheet HTML 47Page - Dialog Semiconductor AT45DB161E Datasheet HTML 48Page - Dialog Semiconductor AT45DB161E Datasheet HTML 49Page - Dialog Semiconductor AT45DB161E Datasheet HTML 50Page - Dialog Semiconductor AT45DB161E Datasheet HTML 51Page - Dialog Semiconductor AT45DB161E Datasheet HTML 52Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 80 page
background image
47
AT45DB161E
DS-AT45DB161E–8782N–03-2021
Table 16-5. Legacy Commands(Note:)
Note:
Legacy commands are not recommended for new designs.
Command
Opcode
Buffer 1 Read
54H
Buffer 2 Read
56H
Main Memory Page Read
52H
Continuous Array Read
68H
Status Register Read
57H
Table 16-6.
Detailed Bit-level Addressing Sequence for Binary Page Size (512 bytes)
Page Size = 512 bytes
Address Byte
Address Byte
Address Byte
Added
Dummy
Bytes
Opcode
Hex
Opcode
Binary
01h
0
0
0
0
0
0
0
1
X X X A A A A A A A A A A A A A A A A A A A A A
N/A
02h
0
0
0
0
0
0
1
0
X X X A A A A A A A A A A A A A A A A A A A A A
N/A
03h
0
0
0
0
0
0
1
1
X X X A A A A A A A A A A A A A A A A A A A A A
N/A
0Bh
0
0
0
0
1
0
1
1
X X X A A A A A A A A A A A A A A A A A A A A A
1
1Bh
0
0
0
1
1
0
1
1
X X X A A A A A A A A A A A A A A A A A A A A A
2
32h
0
0
1
1
0
0
1
0
X X X X X X X X X X X X X X X X X X X X X X X X
N/A
35h
0
0
1
1
0
1
0
1
X X X X X X X X X X X X X X X X X X X X X X X X
N/A
50h
0
1
0
1
0
0
0
0
X X X A A A A A A A A A X X X X X X X X X X X X
N/A
53h
0
1
0
1
0
0
1
1
X X X A A A A A A A A A A A A X X X X X X X X X
N/A
55h
0
1
0
1
0
1
0
1
X X X A A A A A A A A A A A A X X X X X X X X X
N/A
58h 1
0
1
0
1
1
0
0
0
X X X A A A A A A A A A A A A X X X X X X X X X
N/A
58h 1
0
1
0
1
1
0
0
0
X X X A A A A A A A A A A A A A A A A A A A A A
N/A
59h 1
0
1
0
1
1
0
0
1
X X X A A A A A A A A A A A A X X X X X X X X X
N/A
59h 2
0
1
0
1
1
0
0
1
X X X A A A A A A A A A A A A A A A A A A A A A
N/A
60h
0
1
1
0
0
0
0
0
X X X A A A A A A A A A A A A X X X X X X X X X
N/A
61h
0
1
1
0
0
0
0
1
X X X A A A A A A A A A A A A X X X X X X X X X
N/A
77h
0
1
1
1
0
1
1
1
X X X X X X X X X X X X X X X X X X X X X X X X
N/A
79h
0
1
1
1
1
0
0
1
N/A
N/A
N/A
N/A
7Ch
0
1
1
1
1
1
0
0
X X X A A A A X X X X X X X X X X X X X X X X X
N/A
81h
1
0
0
0
0
0
0
1
X X X A A A A A A A A A A A A X X X X X X X X X
N/A
82h
1
0
0
0
0
0
1
0
X X X A A A A A A A A A A A A A A A A A A A A A
N/A
83h
1
0
0
0
0
0
1
1
X X X A A A A A A A A A A A A X X X X X X X X X
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com