Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL520-39OC-R Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL520-39OC-R
Description  PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL520-39OC-R Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL520-39OC-R Datasheet HTML 1Page - PhaseLink Corporation PLL520-39OC-R Datasheet HTML 2Page - PhaseLink Corporation PLL520-39OC-R Datasheet HTML 3Page - PhaseLink Corporation PLL520-39OC-R Datasheet HTML 4Page - PhaseLink Corporation PLL520-39OC-R Datasheet HTML 5Page - PhaseLink Corporation PLL520-39OC-R Datasheet HTML 6Page - PhaseLink Corporation PLL520-39OC-R Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PLL520-38/-39
PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/20/04 Page 1
FEATURES
• 65MHz to 130MHz Fundamental Mode Crystal.
• Output range: 65MHz – 130MHz (no PLL).
• Low Injection Power for crystal 50uW.
• PECL (PLL520-38) or LVDS output (PLL520-39).
• Integrated variable capacitors.
• Supports 2.5V or 3.3V-Power Supply.
• Available in 16-Pin (TSSOP or 3x3 QFN).
DESCRIPTION
The PLL520-38/-39 is a family of VCXO IC’s
specifically designed to pull high frequency
fundamental crystals from 65MHz to 130MHz, with
selectable PECL or LVDS outputs.. They achieve
very low current into the crystal resulting in better
overall stability. Their internal varicaps allow an on
chip frequency pulling, controlled by the VCON
input. Their very low jitter makes them ideal for the
most demanding timing requirements.
BLOCK DIAGRAM
PIN CONFIGURATION
OUTPUT ENABLE LOGICAL LEVELS
Part #
OE
State
0
(Default)
Output enabled
PLL520-38
1
Tri-state
0
Tri-state
PLL520-39
1
(Default)
Output enabled
OE input: Logical states defined by PECL levels for PLL520-38
Logical states defined by CMOS levels for PLL520-39
1
2
3
4
5
6
7
8
VDD
9
10
11
12
13
14
15
16
XIN
XOUT
N/C
N/C
OE
VCON
GND
N/C
N/C
GND
CLKC
VDD
CLKT
N/C
N/C
XIN
XOUT
OE
Q
PLL520-38/-39
VCON
Q
Oscillator
Amplifier
w/
integrated
varicaps
P520-3x
GND
VDD
CLKT
CLKC
XOUT
XIN
N/C
OE
4
16
15
14
13
12
11
10
9
8
7
6
5
12
3


Similar Part No. - PLL520-39OC-R

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL520-30 PLL-PLL520-30 Datasheet
490Kb / 7P
PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
More results

Similar Description - PLL520-39OC-R

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL520-28-29 PLL-PLL520-28-29 Datasheet
242Kb / 7P
Low Phase Noise VCXO (for 120-200MHz Fund Xtal)
PLL520-30 PLL-PLL520-30 Datasheet
490Kb / 7P
PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
PLL520-40 PLL-PLL520-40 Datasheet
217Kb / 5P
CMOS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
PLL520-10 PLL-PLL520-10 Datasheet
242Kb / 8P
Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal)
PLL520-17 PLL-PLL520-17 Datasheet
240Kb / 7P
Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal)
logo
Abracon Corporation
ABX2028 ABRACON-ABX2028 Datasheet
227Kb / 6P
Low Phase Noise VCXO (for 100-200MHz Fund Xtal)
03/21/05
ABX2038 ABRACON-ABX2038 Datasheet
70Kb / 6P
PECL and LVDS Low Phase Noise XO (for 65-130MHz Output)
03/21/05
ABV2017 ABRACON-ABV2017 Datasheet
79Kb / 7P
Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal)
ABV2028 ABRACON-ABV2028 Datasheet
94Kb / 7P
Low Phase Noise VCXO (for 120-200MHz Fund Xtal)
ABV2038 ABRACON-ABV2038 Datasheet
83Kb / 7P
PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com