Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL650-01XC-R Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL650-01XC-R
Description  Low EMI Network LAN Clock
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL650-01XC-R Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL650-01XC-R Datasheet HTML 1Page - PhaseLink Corporation PLL650-01XC-R Datasheet HTML 2Page - PhaseLink Corporation PLL650-01XC-R Datasheet HTML 3Page - PhaseLink Corporation PLL650-01XC-R Datasheet HTML 4Page - PhaseLink Corporation PLL650-01XC-R Datasheet HTML 5Page - PhaseLink Corporation PLL650-01XC-R Datasheet HTML 6Page - PhaseLink Corporation PLL650-01XC-R Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PLL650-01
Low EMI Network LAN Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 3
FREQUENCY (MHz) SELECTION TABLE (For a 25MHz Crystal or Clock Input)
FS0
FS1
FS2
FS3
FS4
CLKA1
CLKA2
CLKB1
CLKB2
SST*
0
0
0
0
0
100.0
OFF
66.667
33.333
OFF
0
0
0
0
1
100.0
OFF
100.0
50.0
OFF
0
0
0
1
0
100.0
OFF
83.333
41.667
OFF
0
0
0
1
1
100.0
OFF
133.333
66.667
OFF
0
0
1
0
0
75.0
OFF
66.667
33.333
OFF
0
0
1
0
1
75.0
OFF
100.0
50.0
OFF
0
0
1
1
0
75.0
OFF
83.333
41.667
OFF
0
0
1
1
1
66.667
OFF
133.333
66.667
OFF
0
1
0
0
0
33.333
16.667
66.667
33.333
OFF
0
1
0
0
1
33.333
16.667
100.0
50.0
OFF
0
1
0
1
0
33.333
16.667
83.333
41.667
OFF
0
1
0
1
1
33.333
16.667
133.333
66.667
OFF
0
1
1
0
0
66.667
33.333
66.667
33.333
OFF
0
1
1
0
1
66.667
33.333
100.0
50.0
OFF
0
1
1
1
0
66.667
33.333
83.333
41.667
OFF
0
1
1
1
1
66.667
33.333
133.333
66.667
OFF
1
0
0
0
0
100.0
OFF
OFF
OFF
±0.25%
1
0
0
0
1
100.0
OFF
OFF
OFF
±0.5%
1
0
0
1
0
133.333
OFF
OFF
OFF
±0.25%
1
0
0
1
1
133.333
OFF
OFF
OFF
±0.5%
1
0
1
0
0
133.333
OFF
66.667
33.333
±0.25%
1
0
1
0
1
133.333
OFF
66.667
33.333
±0.5%
1
0
1
1
0
133.333
OFF
66.667
33.333
OFF
1
0
1
1
1
100.0
OFF
100.0
50.0
±0.25%
1
1
0
0
0
100.0
OFF
100.0
OFF
OFF
1
1
0
0
1
125.0
OFF
OFF
OFF
±0.25%
1
1
0
1
0
83.333
OFF
83.333
OFF
±0.5%
1
1
0
1
1
125.0
OFF
OFF
OFF
OFF
1
1
1
0
0
Test
Test
Test
Test
Test
1
1
1
0
1
100.0
OFF
100.0
OFF
±0.25%
1
1
1
1
0
125.0
OFF
OFF
OFF
±0.5%
1
1
1
1
1
133.333
OFF
133.333
OFF
±0.25%
Note: SST = Spread Spectrum Technology for EMI Reduction
CS1
CS0
CLKC1
CLKC2
0
0
125.0
125.0
0
1
75.0
75.0
1
0
125.0
50.0
1
1
100.0
OFF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com