Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL601-22 Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL601-22
Description  27MHz Multiple output XO with Audio Clock
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL601-22 Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL601-22 Datasheet HTML 1Page - PhaseLink Corporation PLL601-22 Datasheet HTML 2Page - PhaseLink Corporation PLL601-22 Datasheet HTML 3Page - PhaseLink Corporation PLL601-22 Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Preliminary
PLL601-22
27MHz Multiple output XO with Audio Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/19/04 Page 2
PIN DESCRIPTIONS
Name
Pin #
Type
Description
XIN
1
I
Crystal input to be connected to fundamental parallel mode crystal.
(CL=14.5pF).
XOUT
2
I
Crystal output connector.
VDD
3
P
3.3V power supply.
VDD
4
P
3.3V power supply.
NC
5
I
Not Connected.
GND
6
P
Ground.
GND
7
P
Ground.
PDOWN
8
I
Digital control input. This input powers down the entire chip and tri-states
all outputs when low. 60k
Ω internal pull-up.
S2
9
I
Digital control input to select audio frequency.
60k
Ω internal pull-up.
ACLK
10
O
Audio clock output (see selection table on page 1).
GND
11
P
Ground.
27MHz
12
O
27MHz XO output.
S0
13
I
Digital control input to select audio frequency.
60k
Ω internal pull-up.
VDD
14
P
3.3V power supply.
27MHz
15
O
27MHz XO output.
S1
16
I
Digital control input to select audio frequency.
60k
Ω internal pull-up.
Notes: I – input pin; P – power supply/ground pin; O – output pin.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com