Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8545ATT Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF8545ATT
Description  Universal 36 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF8545ATT Datasheet HTML 5Page - NXP Semiconductors PCF8545ATT Datasheet HTML 6Page - NXP Semiconductors PCF8545ATT Datasheet HTML 7Page - NXP Semiconductors PCF8545ATT Datasheet HTML 8Page - NXP Semiconductors PCF8545ATT Datasheet HTML 9Page - NXP Semiconductors PCF8545ATT Datasheet HTML 10Page - NXP Semiconductors PCF8545ATT Datasheet HTML 11Page - NXP Semiconductors PCF8545ATT Datasheet HTML 12Page - NXP Semiconductors PCF8545ATT Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
NXP Semiconductors
PCF8551
Universal 36 × 4 LCD segment driver
Bit
Symbol
Value
Description
1
enhanced power drive scheme for higher display
loads
multiplex drive mode selection
00[1]
1:4 multiplex drive mode; COM0 to COM3 (nMUX =
4)
01
1:3 multiplex drive mode; COM0 to COM2 (nMUX =
3)
10
1:2 multiplex drive mode; COM0 and COM1 (nMUX
= 2)
3 to 2
MUX[1:0]
11
static drive mode; COM0 (nMUX = 1)
bias mode selection
0[1]
1⁄3 bias (abias = 2)
1
B[2]
1
1⁄2 bias (abias = 1)
display enable[3]
0[1]
display disabled; device is in power-down mode
0
DE
1
display enabled; device is in power-on mode
Table 6. Display_ctrl_1 - display control command 1 register (address 02h) bit
description...continued
[1]
Default value.
[2]
Not applicable for static drive mode.
[3]
See Section 7.3.1.
7.2.2.1 Enhanced power drive mode
By setting the BOOST bit to logic 1, the driving capability of the display signals is
increased to cope with large displays with a higher effective capacitance. Setting this bit
increases the current consumption on VLCD.
7.2.2.2 Multiplex drive mode
MUX[1:0] sets the multiplex driving scheme and the associated backplane drive signals,
which are active. For further details, see Section 8.2.
7.2.3 Command: Display_ctrl_2
Bit
Symbol
Value
Description
7 to 3
-
00000
default value
blink control
00[1]
blinking off
01
blinking on, fblink = 0.5 Hz
10
blinking on, fblink = 1 Hz
2 to 1
BL[1:0]
11
blinking on, fblink = 2 Hz
0
INV
inversion mode selection
Table 7. Display_ctrl_2 - display control command 2 register (address 03h) bit
description
PCF8551
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 3 May 2021
9 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com