Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8536AT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF8536AT
Description  Universal 36 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8536AT Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF8536AT Datasheet HTML 1Page - NXP Semiconductors PCF8536AT Datasheet HTML 2Page - NXP Semiconductors PCF8536AT Datasheet HTML 3Page - NXP Semiconductors PCF8536AT Datasheet HTML 4Page - NXP Semiconductors PCF8536AT Datasheet HTML 5Page - NXP Semiconductors PCF8536AT Datasheet HTML 6Page - NXP Semiconductors PCF8536AT Datasheet HTML 7Page - NXP Semiconductors PCF8536AT Datasheet HTML 8Page - NXP Semiconductors PCF8536AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
NXP Semiconductors
PCF8551
Universal 36 × 4 LCD segment driver
PCF8551BTT
PCF8551BTT
1
SEG31
48 SEG30
2
SEG32
47 SEG29
3
SEG33
46 SEG28
4
SEG34
45 SEG27
5
SEG35
44 SEG26
6
COM0
43 SEG25
7
COM1
42 SEG24
8
COM2
41 SEG23
9
COM3
40 SEG22
10
VLCD
39 SEG21
11
VDD
38 SEG20
12
VSS
37 SEG19
13
SDIO
36 SEG18
14
CLK
35 SEG17
15
SCL
34 SEG16
16
CE
33 SEG15
17
PORE
32 SEG14
18
SEG0
31 SEG13
19
SEG1
30 SEG12
20
SEG2
29 SEG11
21
SEG3
28 SEG10
22
SEG4
27 SEG9
23
SEG5
26 SEG8
24
SEG6
25 SEG7
aaa-012402
For mechanical details, see Figure 29.
Figure 4. Pin configuration of PCF8551BTT (TSSOP48)
6.2 Pin description
Input or input/output pins must always be at a defined level (VSS or VDD) unless otherwise specified.
Pin
Symbol
Type
Description
1 to 5,
18 to 48
SEG0 to SEG35
output
LCD segment outputs
6 to 9
COM0 to COM3
output
LCD backplane outputs
10
VLCD
supply
LCD supply voltage
11
VDD
supply
supply voltage
12
VSS
supply
ground supply
Table 3. Pin description
PCF8551
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 3 May 2021
5 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com