Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL602-12OC-R Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL602-12OC-R
Description  96MHz - 192MHz Low Phase Noise LVDS XO (12 - 25MHz Crystal)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL602-12OC-R Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL602-12OC-R Datasheet HTML 1Page - PhaseLink Corporation PLL602-12OC-R Datasheet HTML 2Page - PhaseLink Corporation PLL602-12OC-R Datasheet HTML 3Page - PhaseLink Corporation PLL602-12OC-R Datasheet HTML 4Page - PhaseLink Corporation PLL602-12OC-R Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PLL602-12
96MHz – 192MHz Low Phase Noise LVDS XO (12 – 25MHz Crystal)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 3
3. General Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current, Dynamic
(with Loaded Outputs)
IDD
LVDS
60
mA
Operating Voltage
VDD
2.97
3.63
V
Output Clock Duty Cycle
@ 1.25V (LVDS)
45
50
55
%
Short Circuit Current
±50
mA
4. Jitter and Phase Noise Specification
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Period jitter RMS
With capacitive decoupling
between VDD and GND.
4
ps
Accumulated jitter RMS
With capacitive decoupling
between VDD and GND. Over
10,000 cycles.
9
ps
Phase Noise relative to carrier
155MHz @100Hz offset
-95
dBc/Hz
Phase Noise relative to carrier
155MHz @1kHz offset
-120
dBc/Hz
Phase Noise relative to carrier
155MHz @10kHz offset
-125
dBc/Hz
Phase Noise relative to carrier
155MHz @100kHz offset
-121
dBc/Hz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com