Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL701-25 Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL701-25
Description  Low EMI Spread Spectrum Multiplier Clock
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL701-25 Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL701-25 Datasheet HTML 1Page - PhaseLink Corporation PLL701-25 Datasheet HTML 2Page - PhaseLink Corporation PLL701-25 Datasheet HTML 3Page - PhaseLink Corporation PLL701-25 Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PLL701-25
Low EMI Spread Spectrum Multiplier Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 10/04/05 Page 2
PIN DESCRIPTIONS
Name
Number
Type
Description
FIN
1
I
Input Clock Frequency. ( 33 ~ 90MHz )
CLK2
2
O
Buffered Clock Output. 1X the input frequency ( FIN ).
CLK1
3
O
Buffered Clock Output. 1X the input frequency ( FIN ).
GND
4
I
Ground.
CLK3
5
O
Buffered Clock Output. 1X the input frequency ( FIN ).
VDD
6
P
3.3V Power Supply.
CLK4
7
O
Buffered Clock Output. 1X the input frequency ( FIN ).
CLK5
8
O
Buffered Clock Output. 1X the input frequency ( FIN ).
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. Electrical Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Voltage
VDD
2.97
3.63
V
Input Low Voltage
VIL
0.8
V
Input High Voltage
VIH
2.0
V
Input Low Current
IIL
VIN = 0V
19
50.0
µA
Input High Current
IIH
VIN = VDD
0.10
100.0
µA
Output Low Voltage
VOL
IOL = 50 mA
0.25
0.4
V
Output High Voltage
VOH
IOH = 50 mA
2.4
2.9
V
Supply Current
IDD
Unloaded outputs at 75MHz,
SEL inputs at VDD or GND
30.0
40.0
mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com