Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL701-26SC-R Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL701-26SC-R
Description  Low EMI Spread Spectrum Multiplier Clock
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL701-26SC-R Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL701-26SC-R Datasheet HTML 1Page - PhaseLink Corporation PLL701-26SC-R Datasheet HTML 2Page - PhaseLink Corporation PLL701-26SC-R Datasheet HTML 3Page - PhaseLink Corporation PLL701-26SC-R Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PLL701-26
Low EMI Spread Spectrum Multiplier Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 08/12/04 Page 1
FEATURES
• Spread Spectrum clock with frequency range of
33 ~ 90MHz.
• Output frequency 1X the input frequency.
• Less than 250 ps skew between outputs.
• Less than 100 ps cycle - cycle jitter.
• ±1.0% Center Spread Modulation (+/-15%
tolerance).
• TTL/CMOS compatible outputs.
• 3.3V operation.
• Available in 8-Pin 150mil SOIC.
DESCRIPTION
The PLL701-26 is a Spread Spectrum Clock
Generator designed for the purpose of reducing EMI
in high-speed digital systems. The device is designed
to operate from 33 ~ 90MHz and provides five low-
skew outputs with
±1.0% Center Spread Modulation.
PIN CONFIGURATION
BLOCK DIAGRAM
1
2
3
45
6
7
8
FIN
CLK2
CLK1
GND
CLK5
VDD
CLK3
CLK4
FIN = 33 ~ 90 Mhz
PLL SST
1X
FIN
CLK1
CLK2
CLK3
CLK4
CLK5


Similar Part No. - PLL701-26SC-R

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL701-21 PLL-PLL701-21 Datasheet
195Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
PLL701-21SC PLL-PLL701-21SC Datasheet
195Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
PLL701-21SC-R PLL-PLL701-21SC-R Datasheet
195Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
PLL701-21SI PLL-PLL701-21SI Datasheet
195Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
PLL701-25 PLL-PLL701-25 Datasheet
205Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
More results

Similar Description - PLL701-26SC-R

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-05 PLL-PLL701-05 Datasheet
84Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-13 PLL-PLL701-13 Datasheet
194Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-21 PLL-PLL701-21 Datasheet
195Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0101 ABRACON-ABE0101 Datasheet
216Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0113 ABRACON-ABE0113 Datasheet
50Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0121 ABRACON-ABE0121 Datasheet
50Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0117 ABRACON-ABE0117 Datasheet
107Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com