Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6876EVCMOD2 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6876EVCMOD2
Description  Complete Evaluation System
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6876EVCMOD2 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6876EVCMOD2 Datasheet HTML 1Page - Maxim Integrated Products MAX6876EVCMOD2 Datasheet HTML 2Page - Maxim Integrated Products MAX6876EVCMOD2 Datasheet HTML 3Page - Maxim Integrated Products MAX6876EVCMOD2 Datasheet HTML 4Page - Maxim Integrated Products MAX6876EVCMOD2 Datasheet HTML 5Page - Maxim Integrated Products MAX6876EVCMOD2 Datasheet HTML 6Page - Maxim Integrated Products MAX6876EVCMOD2 Datasheet HTML 7Page - Maxim Integrated Products MAX6876EVCMOD2 Datasheet HTML 8Page - Maxim Integrated Products MAX6876EVCMOD2 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MAX6876 Evaluation Kit/Evaluation System
4
_______________________________________________________________________________________
Any changes made to the configuration parameters on
the Overview tab result in a corresponding change in
the MAX6876 configuration registers for the connected
MAX6876 EV kit. If configuration changes are made
and no MAX6876 EV kit is connected, a warning dialog
box will appear. Any changes made while disconnect-
ed are lost when connection is established.
Advanced Tab
The Advanced tab provides a detailed indication of the
current Register Values in a table format. Values can
be changed by selecting the appropriate field with the
mouse cursor. Values are shown for both the volatile
configuration registers and the corresponding non-
volatile EEPROM locations. Figure 2 shows the appear-
ance of the Advanced tab for a typical configuration.
Configuration register values can be stored in the con-
figuration EEPROM by clicking on the Commit
Configuration button. Clicking the Locked checkbox
disables both register and EEPROM writes by setting
bit 2 of register 13h. To lock the EEPROM values, set
bit 2 of EEPROM location 33h.
Note: To unlock the EEPROM, first clear bit 2 of config-
uration register 13h, then clear bit 2 of EEPROM loca-
tion 33h.
The Input Pin’s State box allows software remote con-
trol of the logic-level voltage applied by the CMOD232
module to the MARGIN, ENABLE, and MR pins of the
Figure 1. Evaluation Software Overview Tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com