Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMAXQUSB Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # CMAXQUSB
Description  Proven PC Board Layout
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CMAXQUSB Datasheet(HTML) 4 Page - Maxim Integrated Products

  CMAXQUSB Datasheet HTML 1Page - Maxim Integrated Products CMAXQUSB Datasheet HTML 2Page - Maxim Integrated Products CMAXQUSB Datasheet HTML 3Page - Maxim Integrated Products CMAXQUSB Datasheet HTML 4Page - Maxim Integrated Products CMAXQUSB Datasheet HTML 5Page - Maxim Integrated Products CMAXQUSB Datasheet HTML 6Page - Maxim Integrated Products CMAXQUSB Datasheet HTML 7Page - Maxim Integrated Products CMAXQUSB Datasheet HTML 8Page - Maxim Integrated Products CMAXQUSB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluate: MAX6889/MAX6892
MAX6889 Evaluation Kit/
Evaluation System
Evaluating the MAX6892
The software and the CMOD board cannot be used with
the MAX6892; the board must be operated in stand-alone
mode.
1) With power off, replace U1 with a MAX6892ETJ.
2) Install user-selected EIA size 0603 capacitors for
SWT and SRT at locations C11 and C12. Refer to the
Applications Information section in the MAX6892 data
sheet.
3) Configure jumpers JU4–JU11 according to Table 3,
Jumper Function Table in the MAX6892 data sheet.
4) Inputs IN2–IN8 require user-selected resistor-
dividers, which may be installed in the prototype area.
5) Apply power between VCC and GND.
The functions of the following pins change as follows:
Diagnostics Window
The diagnostics window is used for factory testing
prior to shipping the evaluation kit. It is not meant for
customer use.
PIN MAX6889ETJ MAX6892ETJ
CONTROLLED BY
1
PO2
PG2
—
2
PO3
PG3
—
3
PO4
PG4
—
5
PO5
PG5
—
6
PO6
PG6
—
7
PO7
PG7
—
8
PO8
PG8
—
9
PO9
RESET
—
10
PO10
WDO
—
11
MARGIN
MARGIN
JU2
12
MR
MR
JU3
13
SDA
TH0
JU4
14
SCL
TH1
JU5
15
A0
TH2
JU6
16
A1
TH3
JU7
17
GPI4
TH4
JU8
18
GPI3
SWT
JU9, C12
19
GPI2
SRT
JU10, C11
20
GPI1
ENABLE
JU11
23
IN8
IN8
—
24
IN7
IN7
—
25
IN6
IN6
—
26
IN5
IN5
—
31
N.C.
WDI
—
32
PO1
PG1
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com