Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXSMBUS Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAXSMBUS
Description  Measures and Displays Remote Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXSMBUS Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAXSMBUS Datasheet HTML 1Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 2Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 3Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 4Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MAX6654 Evaluation System
4
_______________________________________________________________________________________
J1-2
J1-4
J1-6
J1-8
J1-10
J1-12
J1-14
J1-20
J1-1
J1-3
J1-5
J1-7
J1-9
J1-15
J1-17
J1-19
SMDATA
JU4
(SHORTED BY
BOARD TRACE)
VCC
NC
NC
NC
SMBCLK
J1-11
ALERT
J1-13
NC
J1-18
J1-16
NC
STBY
DXP
1
5
9
13
16
3
JU5
(SHORTED BY PC
BOARD TRACE)
1
2
R1
OPEN
C2
2200pF
2
1
Q1
DXN
4
DXN
DXP
GND
GND
8
7
11
12
14
10
5
2
VCC
C1
0.1
µF
15
JU3
1
2
3
STBY
ADD0
ADD0
GND
ALERT
SMDATA
SMBCLK
3
2
1
1
2
3
JU1
JU2
1
3
2 SW1
VCC
MAX6654
JU6
(SHORTED BY
PC BOARD TRACE)
SMBCLK
SMBDATA
ALERT
U1
Figure 1. Main Display for MAX6654EVKIT
Figure 2. MAX6654 EV Kit Schematic



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com