Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL502-10 Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PLL502-10
Description  750kHz - 400MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-10 Datasheet(HTML) 4 Page - PhaseLink Corporation

  PLL502-10 Datasheet HTML 1Page - PhaseLink Corporation PLL502-10 Datasheet HTML 2Page - PhaseLink Corporation PLL502-10 Datasheet HTML 3Page - PhaseLink Corporation PLL502-10 Datasheet HTML 4Page - PhaseLink Corporation PLL502-10 Datasheet HTML 5Page - PhaseLink Corporation PLL502-10 Datasheet HTML 6Page - PhaseLink Corporation PLL502-10 Datasheet HTML 7Page - PhaseLink Corporation PLL502-10 Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Preliminary
PLL502-10
750kHz – 400MHz Low Phase Noise VCXO (for 12 – 25MHz Crystals)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 11/06/02 Page 4
4. General Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Fout < 24MHz
25/25/15
24MHz < Fout < 96MHz
65/45/30
Supply Current,
Dynamic (with
Loaded Outputs)
IDD
PECL/LVDS/CMOS
96MHz < Fout < 400MHz
100/80/40
mA
Operating Voltage
VDD
3.13
3.47
V
Output Clock Duty
Cycle
@ 1.4V (CMOS)
@ 1.25V (LVDS)
@ Vdd – 1.3V (PECL)
45
45
45
50
50
50
55
55
55
%
Short Circuit Current
±50
mA
5. Jitter specifications
PARAMETERS
CONDITIONS
FREQUENCY
MIN.
TYP.
MAX.
UNITS
19.44MHz
5
77.76MHz
8
Period jitter RMS
With capacitive decoupling between
VDD and GND.
155.52MHz
9
ps
Accumulated jitter RMS
With capacitive decoupling between
VDD and GND. Over 10,000 cycles.
155.52MHz
TBM
ps
Integrated jitter RMS
Integrated 12 kHz to 20 MHz
155.52MHz
3
4
ps
6. Phase noise specifications
PARAMETERS
FREQUENCY
@10Hz
@100Hz
@1kHz
@10kHz
@100kHz
UNITS
19.44MHz
-60
-90
-112
-140
-150
106.25MHz
-60
-90
-112
-127
-125
Phase Noise relative to
carrier
155.52MHz
-60
-90
-112
-125
-123
dBc/Hz
Note: Phase Noise measured at VCON = 0V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com