Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL701-25SCR Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL701-25SCR
Description  Low EMI Spread Spectrum Multiplier Clock
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL701-25SCR Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL701-25SCR Datasheet HTML 1Page - PhaseLink Corporation PLL701-25SCR Datasheet HTML 2Page - PhaseLink Corporation PLL701-25SCR Datasheet HTML 3Page - PhaseLink Corporation PLL701-25SCR Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PLL701-25
Low EMI Spread Spectrum Multiplier Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 10/04/05 Page 3
3. Timing Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input Frequency
FIN
33
90
MHz
Rise Time
Tr
Measured at 0.8V ~ 2.0V @ 3.3V
0.8
0.95
1.1
ns
Fall Time
Tf
Measured at 2.0V ~ 0.8V @ 3.3V
0.78
0.85
0.9
ns
Output Duty Cycle
DT
45
50
55
%
Input to Output Delay
2
4
ns
Cycle to Cycle Jitter
Tcyc-cyc
Over output frequency range @ 3.3V
100
ps



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com