Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL130-07SC Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL130-07SC
Description  High Speed Translator Buffer to CMOS (Selectable Drive)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL130-07SC Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL130-07SC Datasheet HTML 1Page - PhaseLink Corporation PLL130-07SC Datasheet HTML 2Page - PhaseLink Corporation PLL130-07SC Datasheet HTML 3Page - PhaseLink Corporation PLL130-07SC Datasheet HTML 4Page - PhaseLink Corporation PLL130-07SC Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PLL130-07
High Speed Translator Buffer to CMOS (Selectable Drive)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/09/04 Page 3
3. CMOS Output Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Output High Voltage
VOH
IOH = -12mA
2.4
V
Output Low Voltage
VOL
ILO = 12mA
0.4
V
Output High Voltage at CMOS
level
VOHC
IOH = -4mA
VDD– 0.4
V
At TTL level (High drive*)
36
51
mA
Output drive current
At TTL level (Standard drive)
12
17
mA
* Note: High Drive CMOS is selectable through DRIV_SEL selector input on pin 8(SOIC) or 13(QFN).
4. CMOS Switching Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
0.8V ~ 2.0V with 10 pF load
1.15
Output Clock Rise/Fall Time
0.3V ~ 3.0V with 15 pF load
3.7
0.8V ~ 2.0V with 10 pF load
0.5
Output Clock Rise/Fall Time
(High Drive*)
0.3V ~ 3.0V with 15 pF load
1.5
ns
* Note: High Drive CMOS is selectable through DRIV_SEL selector input on pin 8(SOIC) or 13(QFN).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com