Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL502-21 Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL502-21
Description  384MHz - 768MHz Low Phase Noise PECL VCXO (12 - 24MHz Crystal)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-21 Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL502-21 Datasheet HTML 1Page - PhaseLink Corporation PLL502-21 Datasheet HTML 2Page - PhaseLink Corporation PLL502-21 Datasheet HTML 3Page - PhaseLink Corporation PLL502-21 Datasheet HTML 4Page - PhaseLink Corporation PLL502-21 Datasheet HTML 5Page - PhaseLink Corporation PLL502-21 Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Preliminary
PLL502-21
384MHz – 768MHz Low Phase Noise PECL VCXO (12 – 24MHz Crystal)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 08/10/01 Page 1
FEATURES
• Low phase noise output for the 384MHz to
768MHz range (-130 dBc at 10kHz offset).
• PECL output.
• 12 to 24MHz crystal input.
• Integrated crystal load capacitor: no external
load capacitor required.
• Output Enable selector.
• Wide pull range (+/-180 ppm)
• 3.3V operation.
• Available in 16 Pin TSSOP or SOIC.
DESCRIPTION
The PLL502-21 is a monolithic low jitter and low
phase noise (-130dBc/Hz @ 10kHz offset) VCXO IC
with PECL output, for 384MHz to 768MHz output
range. It allows the control of the output frequency
with an input voltage (VIN), using a low cost crystal.
The chip provides a pullable output at a frequency of
FXIN x 32. This makes the PLL502-21 ideal for a wide
range of applications, including 622.08MHz for
SONET.
PIN CONFIGURATION
FOUT = FXIN x 32
OE (Pin 5)
Output State
0 (Default)
Output enabled
1
Tri-state
Pin 5: Logical states are defined at PECL levels.
BLOCK DIAGRAM
Reference
Divider
Phase
Comparator
Charge
Pump
Loop
Filter
VCO
VCO
Divider
XTAL
OSC
CLKBAR
OE
XIN
XOUT
CLK
VIN
VARICAP
1
2
3
4
5
6
7
8
VDD
9
10
11
12
13
14
15
16
VDD
XIN
XOUT
OE
VIN
GND
GND
VDD
GND_BUF
CLKBAR
VDD_BUF
CLK
GND_BUF
GND
GND


Similar Part No. - PLL502-21

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL502-22 PLL-PLL502-22 Datasheet
139Kb / 6P
384MHz - 768MHz Low Phase Noise LVDS VCXO (12 - 24MHz Crystal)
PLL502-22SOC PLL-PLL502-22SOC Datasheet
139Kb / 6P
384MHz - 768MHz Low Phase Noise LVDS VCXO (12 - 24MHz Crystal)
PLL502-22SOI PLL-PLL502-22SOI Datasheet
139Kb / 6P
384MHz - 768MHz Low Phase Noise LVDS VCXO (12 - 24MHz Crystal)
PLL502-22SOM PLL-PLL502-22SOM Datasheet
139Kb / 6P
384MHz - 768MHz Low Phase Noise LVDS VCXO (12 - 24MHz Crystal)
PLL502-22SSC PLL-PLL502-22SSC Datasheet
139Kb / 6P
384MHz - 768MHz Low Phase Noise LVDS VCXO (12 - 24MHz Crystal)
More results

Similar Description - PLL502-21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL502-02 ETC1-PLL502-02 Datasheet
177Kb / 4P
Low Phase Noise VCXO (24MHz to 50MHz)
logo
PhaseLink Corporation
PLL502-13 PLL-PLL502-13 Datasheet
106Kb / 6P
192MHz - 400MHz Low Phase Noise PECL VCXO (12 - 25MHz Crystal)
PLL502-22 PLL-PLL502-22 Datasheet
139Kb / 6P
384MHz - 768MHz Low Phase Noise LVDS VCXO (12 - 24MHz Crystal)
PLL502-24 PLL-PLL502-24 Datasheet
93Kb / 5P
Low Phase Noise VCXO (24MHz to 50MHz)
PLL502-27 PLL-PLL502-27 Datasheet
93Kb / 5P
Low Phase Noise VCXO (24MHz to 50MHz)
PLL502-01 PLL-PLL502-01 Datasheet
93Kb / 5P
Low Phase Noise VCXO (24MHz to 50MHz)
PLL502-02 PLL-PLL502-02 Datasheet
180Kb / 4P
Low Phase Noise VCXO (24MHz to 50MHz)
logo
Micrel Semiconductor
PL502-02 MICREL-PL502-02 Datasheet
303Kb / 5P
Low Phase Noise VCXO (24MHz to 50MHz)
logo
Abracon Corporation
ABV0202 ABRACON-ABV0202 Datasheet
56Kb / 4P
Low Phase Noise VCXO (24MHz to 50MHz)
03/11/05
ABV0213 ABRACON-ABV0213 Datasheet
83Kb / 5P
192MHz ??400MHz Low Phase Noise PECL VCXO (12 ??25MHz Crystal)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com