Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

536019 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 536019
Description  Pneumatic valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

536019 Datasheet(HTML) 1 Page - Festo Corporation.

  536019 Datasheet HTML 1Page - Festo Corporation. 536019 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pneumatic valve
VL-5/3G-D-1-C-EX
Part number: 536019
Data sheet
Feature
Value
Type code
VL
Valve function
5/3, closed
Actuation type
Pneumatic
Width
42 mm
Standard nominal flow rate
1200 l/min
Pneumatic working port
Sub-base, size 1 as per ISO 5599-1
G1/4
Operating pressure
-0.9 bar ... 16 bar
Structural design
Piston gate valve
Reset method
Mechanical spring
CE marking (see declaration of conformity)
as per EU explosion protection directive (ATEX)
ATEX category gas
II 2G
ATEX category for dust
II 2D
Type of ignition protection for gas
Ex h IIC T4 Gb
Type of (ignition) protection for dust
Ex h IIIC T130°C Db
Explosive ambient temperature
-10°C <= Ta <= +60°C
Nominal width
8 mm
Width dimension
43 mm
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Conforms to standard
ISO 5599-1
Manual override
None
ISO code
106
Type of control
Direct
Flow direction
Reversible
Symbol
00991018
Lap
Overlap
Pilot pressure
3 bar ... 16 bar
Switching time off
44 ms
On switching time
7 ms
Explosion prevention and protection
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
9/27/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 536019

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
536019-5 MACOM-536019-5 Datasheet
108Kb / 1P
PIN ASSEMBLY, EUROCARD, TYPE RMFBL OR FOR 1.57[.062] PC BOARD
536019-9 MACOM-536019-9 Datasheet
108Kb / 1P
PIN ASSEMBLY, EUROCARD, TYPE RMFBL OR FOR 1.57[.062] PC BOARD
More results

Similar Description - 536019

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUWG-L10-B52-M5 FESTO-VUWG-L10-B52-M5 Datasheet
90Kb / 2P
Pneumatic valve
VUWG-L10-M52-R-M5 FESTO-VUWG-L10-M52-R-M5 Datasheet
87Kb / 2P
Pneumatic valve
VUWG-L10A-B52-M3 FESTO-VUWG-L10A-B52-M3 Datasheet
88Kb / 2P
Pneumatic valve
VUWG-L10A-M52-M-M3 FESTO-VUWG-L10A-M52-M-M3 Datasheet
89Kb / 2P
Pneumatic valve
VUWG-L10A-P53E-M3 FESTO-VUWG-L10A-P53E-M3 Datasheet
89Kb / 2P
Pneumatic valve
VUWG-L10-T32C-A-M7 FESTO-VUWG-L10-T32C-A-M7 Datasheet
92Kb / 2P
Pneumatic valve
VOFC-L-B52-G14-F19A FESTO-VOFC-L-B52-G14-F19A Datasheet
97Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-FG13-F19A FESTO-VOFC-LT-M32C-MC-FG13-F19A Datasheet
98Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-G14-F19 FESTO-VOFC-LT-M32C-MC-G14-F19 Datasheet
89Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-G14-F19A FESTO-VOFC-LT-M32C-MC-G14-F19A Datasheet
89Kb / 2P
Pneumatic valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com