Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCS3-CS70-L2 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # WCS3-CS70-L2
Description  WCS3 code rail
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

WCS3-CS70-L2 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  WCS3-CS70-L2 Datasheet HTML 1Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
WCS3-CS70-L2
Model number
WCS3-CS70-L2
Code rail, polyester laminate
Features
• Flexible installation by means of alu
profile- or mounting bracket system
• High chemical resistance
•Low weight
• With Vahle VKS compatible fixation
holes
Note
laminate version
Dimensions
Technical data
General specifications
Length
0.1 ... 314.5 m
Radius of bend
≥ 300 mm
Ambient conditions
Operating temperature
-40 ... 60 °C (-40 ... 140 °F)
Storage temperature
-40 ... 60 °C (-40 ... 140 °F)
Installation temperature
10 ... 60 °C (50 ... 140 °F)
Mechanical specifications
Material thickness
0.75 ... 0.95 mm
Tension loading
≤ 260 N
Material
polyester laminate
Thermal expansion coefficient
approx. 2.8 x 10-5 / K
Mass
40 g / m
Manufacturing tolerance
± 1 mm/m
General information
Ordering information
WCS3-CS70-L0: without mounting holes
WCS3-CS70-L1: with standard mounting holes
WCS3-CS70-L2: with Vahle VKS mounting holes
6-figure item number
19.2 19.2 19.2
19.2 19.2 19.2
120
240
min. 96
12
max. 314500
XXX.XXX
XXX.XXX
XXX.XXX
WCS3 code rail


Similar Part No. - WCS3-CS70-L2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
WCS3-CS70-L0 PF-WCS3-CS70-L0 Datasheet
106Kb / 1P
WCS3 code rail
WCS3-CS70-L1 PF-WCS3-CS70-L1 Datasheet
104Kb / 1P
WCS3 code rail
More results

Similar Description - WCS3-CS70-L2

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
2930232 FESTO-2930232 Datasheet
84Kb / 2P
Code Reader
2930237 FESTO-2930237 Datasheet
83Kb / 2P
Code Reader
logo
Pepperl+Fuchs Inc.
WCS3-CS70-L0 PF-WCS3-CS70-L0 Datasheet
106Kb / 1P
WCS3 code rail
WCS3-CS70-L1 PF-WCS3-CS70-L1 Datasheet
104Kb / 1P
WCS3 code rail
WCS3-CS70-M1 PF-WCS3-CS70-M1 Datasheet
137Kb / 2P
WCS3 code rail
WCS3-CS70-E PF-WCS3-CS70-E Datasheet
212Kb / 1P
WCS3 code rail extender
WCS2-CS55-L1 PF-WCS2-CS55-L1 Datasheet
137Kb / 2P
WCS2 Code rail
WCS2-CS55-M1 PF-WCS2-CS55-M1 Datasheet
136Kb / 2P
WCS2 Code rail
WCS2-CS70-L1 PF-WCS2-CS70-L1 Datasheet
151Kb / 2P
WCS2 Code rail
WCS2-CS70-M1 PF-WCS2-CS70-M1 Datasheet
45Kb / 1P
WCS2 Code rail
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com