Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCS3R-LS24A Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # WCS3R-LS24A
Description  Reading head
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

WCS3R-LS24A Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  WCS3R-LS24A Datasheet HTML 1Page - Pepperl+Fuchs Inc. WCS3R-LS24A Datasheet HTML 2Page - Pepperl+Fuchs Inc. WCS3R-LS24A Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Subject to reasonable modifications due to technical advances.
Copyright Pepperl+Fuchs, Printed in Germany
Pepperl+Fuchs Group • Tel.: Germany +49 621 776-0 • USA +1 330 4253555 • Singapore +65 67799091 • Internet http://www.pepperl-fuchs.com
WCS3R-LS24A
CCC approval
Products with a maximum operating voltage of
≤36 V do not bear a CCC marking because they do not
require approval.
Dimensions
Mounting plate
90
128
115
31
R
WCS3
12.5
40
40
105
3
6
9.5
ø 4.5
3
6
9.5
ø 8



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com