Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL502-30DI Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL502-30DI
Description  750kHz - 800MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-30DI Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL502-30DI Datasheet HTML 1Page - PhaseLink Corporation PLL502-30DI Datasheet HTML 2Page - PhaseLink Corporation PLL502-30DI Datasheet HTML 3Page - PhaseLink Corporation PLL502-30DI Datasheet HTML 4Page - PhaseLink Corporation PLL502-30DI Datasheet HTML 5Page - PhaseLink Corporation PLL502-30DI Datasheet HTML 6Page - PhaseLink Corporation PLL502-30DI Datasheet HTML 7Page - PhaseLink Corporation PLL502-30DI Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PLL502-30
750kHz – 800MHz Low Phase Noise VCXO (for 12 – 25MHz Crystals)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 01/20/06 Page 2
FREQUENCY SELECTION TABLE
SEL3
(Pad #28)
SEL2
(Pad #29)
SEL1
(Pad #19)
SEL0
(Pad #20)
Selected Multiplier
0
0
0
0
Reserved
0
0
0
1
Reserved
0
0
1
0
Reserved
0
0
1
1
Fin x 32
0
1
0
0
Reserved
0
1
0
1
Reserved
0
1
1
0
Fin / 8
0
1
1
1
Fin x 2
1
0
0
0
Reserved
1
0
0
1
Fin / 2
1
0
1
0
Fin / 16
1
0
1
1
Fin x 4
1
1
0
0
Fin / 4
1
1
0
1
Fin x 8
1
1
1
0
Fin x 16
1
1
1
1
No multiplication
All pads have internal pull-ups (default value is 1). Bond to GND to set to 0.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com