Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCS-CG310 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # WCS-CG310
Description  WCS interface module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

WCS-CG310 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  WCS-CG310 Datasheet HTML 1Page - Pepperl+Fuchs Inc. WCS-CG310 Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
WCS-CG310
Model number
WCS-CG310
WCS CANopen interface module
Features
• Up to 4 read heads can be connected
• DIN rail mounting
• Integrated switch
•CANopen interface
Dimensions
Technical data
General specifications
Installation
DIN rail mounting
Functional safety related parameters
MTTFd
180 a
Mission Time (TM)
10 a
Diagnostic Coverage (DC)
0 %
Electrical specifications
Operating voltage
UB
10 ... 30 V DC
Power consumption
P0
≤ 3.6 W (without read heads)
Interface 1
Connection of
control system
Interface type
CANopen
Transfer rate
max. 1 MBit/s
Data output format
binary code
Bus termination resistor
switchable
Interface 2
Connection of
Read head
Connectable read heads
WCS...-LS221 , WCS...-LS121
Interface type
RS-485
Transmission method
half duplex
Transfer rate
62.5 kBit/s
RS485 termination resistor
switchable
Refresh cycle of read head
1 ms
Standard conformity
Emitted interference
EN 55011, cl. A: 2007
Noise immunity
EN 61000-6-2:2005
Ambient conditions
100
23
WCS...-LS1xx
WCS...-LS2xx
UB+
RS 485 -
RS 485 +
RS 485 -
RS 485 +
GND
24 V (Pwr)
0 V (Pwr)
X2-1
X2-2
X1-4
X1-5
X1-6
X1-7
GND
UB+
PE
WCS-CG310
CAN-L
CAN-GND
CAN-H
PE
WCS interface module


Similar Part No. - WCS-CG310

ManufacturerPart #DatasheetDescription
logo
Level One
WCS-0030 LVL1-WCS-0030 Datasheet
402Kb / 6P
Megapixel Wireless PIR Lighting Network Camera
WCS-0050 LVL1-WCS-0050 Datasheet
432Kb / 6P
150Mbps Wireless Megapixel Network Camera
WCS-0050 LVL1-WCS-0050 Datasheet
817Kb / 3P
4-CH Network Video Recorder
WCS-6020 LVL1-WCS-6020 Datasheet
491Kb / 6P
2-Megapixel Day/Night Wireless P/T Network Camera - IR LEDs
WCS-6050 LVL1-WCS-6050 Datasheet
513Kb / 6P
5-Megapixel Day/Night Wireless P/T Network Camera - IR LEDs
More results

Similar Description - WCS-CG310

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
WCS-DG310 PF-WCS-DG310 Datasheet
208Kb / 2P
WCS interface module
WCS-ECG410 PF-WCS-ECG410 Datasheet
624Kb / 3P
WCS interface module
WCS-EIG310 PF-WCS-EIG310 Datasheet
701Kb / 2P
WCS interface module
WCS-EIG410 PF-WCS-EIG410 Datasheet
625Kb / 3P
WCS interface module
WCS-IP110 PF-WCS-IP110 Datasheet
101Kb / 2P
WCS interface module
WCS-IP111 PF-WCS-IP111 Datasheet
100Kb / 2P
WCS interface module
WCS-IS311 PF-WCS-IS311 Datasheet
186Kb / 2P
WCS interface module
WCS-IS321 PF-WCS-IS321 Datasheet
187Kb / 2P
WCS interface module
WCS-PNG210 PF-WCS-PNG210 Datasheet
728Kb / 2P
WCS interface module
WCS-PNG410 PF-WCS-PNG410 Datasheet
637Kb / 3P
WCS interface module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com