Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCS-DCF Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # WCS-DCF
Description  Flexible data cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

WCS-DCF Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  WCS-DCF Datasheet HTML 1Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Accessories
WCS-DCF
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Technical data
General specifications
Number of pins
6 + shield
Electrical specifications
Operating voltage
UB
max. 60 V DC
Test voltage
1500 V
Volume resistance
≤ 160 Ω / km
Inductance
approx. 650 µH / km
Capacitance
approx. 60 nF / km (wire/wire)
Mechanical specifications
Material
Cable
PUR
Cable
extra-fine wire, flexible
Sheath diameter
Ø 7.7 mm
Bending radius
≥ 58 mm
Color
grey
Cores
3 x 2 x 0.25 mm2
24 AWG
Mass
72 kg / km
Model Number
WCS-DCF
Flexible data cable
Features
•Hard-wearing PUR cable
• Halogen-free
• Braided shield
• Suitable for drag chains


Similar Part No. - WCS-DCF

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
WCS-DCF-5M-V15 PF-WCS-DCF-5M-V15 Datasheet
209Kb / 1P
Cable connector
2011-10-14
More results

Similar Description - WCS-DCF

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
FLC-1.5FT-SMSM MINI-FLC-1.5FT-SMSM Datasheet
391Kb / 3P
Flexible Test Cable
FLC-1M-SMSM MINI-FLC-1M-SMSM Datasheet
405Kb / 3P
Flexible Test Cable
FLC-2FT-SMSM MINI-FLC-2FT-SMSM Datasheet
390Kb / 3P
Flexible Test Cable
FLC-2M-SMNM MINI-FLC-2M-SMNM Datasheet
343Kb / 3P
Flexible Test Cable
FLC-2M-SMSM MINI-FLC-2M-SMSM Datasheet
390Kb / 3P
Flexible Test Cable
FLC-3FT-SMSM MINI-FLC-3FT-SMSM Datasheet
391Kb / 3P
Flexible Test Cable
FLC-4FT-SMSM MINI-FLC-4FT-SMSM Datasheet
391Kb / 3P
Flexible Test Cable
FLC-6FT-SMSM MINI-FLC-6FT-SMSM Datasheet
391Kb / 3P
Flexible Test Cable
logo
PHOENIX CONTACT
1424662 PHOENIX-1424662 Datasheet
90Kb / 4P
Flexible signal and data cabling
logo
Pepperl+Fuchs Inc.
WCS-DCS PF-WCS-DCS Datasheet
91Kb / 1P
Flexible data cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com