Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCS-IP111 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # WCS-IP111
Description  WCS interface module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

WCS-IP111 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  WCS-IP111 Datasheet HTML 1Page - Pepperl+Fuchs Inc. WCS-IP111 Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Subject to reasonable modifications due to technical advances.
Copyright Pepperl+Fuchs, Printed in Germany
Pepperl+Fuchs Group • Tel.: Germany +49 621 776-0 • USA +1 330 4253555 • Singapore +65 67799091 • Internet http://www.pepperl-fuchs.com
1
Technical data
• Integrated display
• Connection of up to 4 read heads LS211 or LS111
• DIN rail mounting
• Integrated bus termination
• Gray code
WCS interface module
WCS-IP111
WCS-IP111
General specifications
Installation
DIN rail mounting
Electrical specifications
Operating voltage
UB
24 V DC ± 20 %
Power consumption
P0
≤ 2 W (without read heads)
Interface 1
Connection of
control system
Interface type
Push-pull, parallel
Transfer rate
max. 500 Updates/s
Output stage
Push-pull output
Load current
max. 5 mA
Data output format
Gray code
Interface 2
Connection of
Reading head
Connectable read heads
WCS-LS211 , WCS-LS111
Interface type
RS 485
Transmission method
half duplex
Transfer rate
max. 187.5 kBit/s
RS485 termination resistor
integrated
Refresh cycle of read head
1 ms
Input
Control input
store input
2 inputs for reading head address
Output
Output type
PNP
Signal output
error condition
Rated operational current
Ie
≤ 15 mA
Standard conformity
Emitted interference
EN 55011
Noise immunity
DIN EN 50082-2
Ambient conditions
Operating temperature
0 ... 55 °C (32 ... 131 °F)
Storage temperature
-40 ... 70 °C (-40 ... 158 °F)
Relative humidity
≤ 80 %
Mechanical specifications
Connection type
removable terminal block
Housing width
100 mm
Housing height
74 mm
Housing depth
121 mm
Protection degree
IP20
Material
plastic
Installation position
any position
Mass
approx. 400 g


Similar Part No. - WCS-IP111

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
WCS-IP110 PF-WCS-IP110 Datasheet
101Kb / 2P
WCS interface module
More results

Similar Description - WCS-IP111

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
WCS-CG310 PF-WCS-CG310 Datasheet
209Kb / 2P
WCS interface module
WCS-DG310 PF-WCS-DG310 Datasheet
208Kb / 2P
WCS interface module
WCS-ECG410 PF-WCS-ECG410 Datasheet
624Kb / 3P
WCS interface module
WCS-EIG310 PF-WCS-EIG310 Datasheet
701Kb / 2P
WCS interface module
WCS-EIG410 PF-WCS-EIG410 Datasheet
625Kb / 3P
WCS interface module
WCS-IP110 PF-WCS-IP110 Datasheet
101Kb / 2P
WCS interface module
WCS-IS311 PF-WCS-IS311 Datasheet
186Kb / 2P
WCS interface module
WCS-IS321 PF-WCS-IS321 Datasheet
187Kb / 2P
WCS interface module
WCS-PNG210 PF-WCS-PNG210 Datasheet
728Kb / 2P
WCS interface module
WCS-PNG410 PF-WCS-PNG410 Datasheet
637Kb / 3P
WCS interface module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com