Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCS-IS310 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # WCS-IS310
Description  WCS interface module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

WCS-IS310 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  WCS-IS310 Datasheet HTML 1Page - Pepperl+Fuchs Inc. WCS-IS310 Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
WCS-IS310
Model number
WCS-IS310
WCS SSI interface module
Features
• Integrated display
• Long possible cable legth between
reading head and SSI master
• DIN rail mounting
Dimensions
Technical data
General specifications
Installation
DIN rail mounting
Electrical specifications
Operating voltage
UB
24 V DC ± 20 %
Power consumption
P0
≤ 2 W (without read heads)
Interface 1
Connection of
control system
Interface type
SSI
Transfer rate
max. 500 kHz
Data output format
binary code
Bus termination resistor
integrated
Interface 2
Connection of
Read head
Connectable read heads
WCS-LS211
Interface type
RS 485
Transmission method
half duplex
Transfer rate
max. 187.5 kBit/s
RS485 termination resistor
integrated
Refresh cycle of read head
1 ms
Standard conformity
Emitted interference
EN 55011
Noise immunity
DIN EN 50082-2
Ambient conditions
Operating temperature
0 ... 55 °C (32 ... 131 °F)
Storage temperature
-40 ... 70 °C (-40 ... 158 °F)
Relative humidity
≤ 80 %
Mechanical specifications
Connection type
removable terminal block
Protection degree
IP20
Material
plastic
Installation position
any position
Mass
approx. 350 g
Terminal connection
Terminal
Designation
UB+
Power supply interface module
GND
Ground interface module
SUB
Operating voltage read head
SDA
RS 485 + data line to the read head
SDB
RS 485 -data line to the read head
GND
Ground read head
DATA+
Data +
100
121
Control
unit
(e. g. PLC)
Reading head
WCS.-LS211
(WCS.-LS221)
WCS.-IS31.
(WCS.-IS32.)
GND
SDB
SDA
CLK
DATA
CLK+
CLK-
DATA+
DATA-
SUB
UB+
UB-
PE
PE
PE
PE
SYNCHRON SERIELLES INTERFACE
WCS interface module


Similar Part No. - WCS-IS310

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
WCS-IS311 PF-WCS-IS311 Datasheet
186Kb / 2P
WCS interface module
More results

Similar Description - WCS-IS310

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
WCS-CG310 PF-WCS-CG310 Datasheet
209Kb / 2P
WCS interface module
WCS-DG310 PF-WCS-DG310 Datasheet
208Kb / 2P
WCS interface module
WCS-ECG410 PF-WCS-ECG410 Datasheet
624Kb / 3P
WCS interface module
WCS-EIG310 PF-WCS-EIG310 Datasheet
701Kb / 2P
WCS interface module
WCS-EIG410 PF-WCS-EIG410 Datasheet
625Kb / 3P
WCS interface module
WCS-IP110 PF-WCS-IP110 Datasheet
101Kb / 2P
WCS interface module
WCS-IS311 PF-WCS-IS311 Datasheet
186Kb / 2P
WCS interface module
WCS-IS321 PF-WCS-IS321 Datasheet
187Kb / 2P
WCS interface module
WCS-PNG210 PF-WCS-PNG210 Datasheet
728Kb / 2P
WCS interface module
WCS-PNG410 PF-WCS-PNG410 Datasheet
637Kb / 3P
WCS interface module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com