Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL501-07SC Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL501-07SC
Description  VCXO Clock Generator IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL501-07SC Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL501-07SC Datasheet HTML 1Page - PhaseLink Corporation PLL501-07SC Datasheet HTML 2Page - PhaseLink Corporation PLL501-07SC Datasheet HTML 3Page - PhaseLink Corporation PLL501-07SC Datasheet HTML 4Page - PhaseLink Corporation PLL501-07SC Datasheet HTML 5Page - PhaseLink Corporation PLL501-07SC Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PLL501-05/-07
VCXO Clock Generator IC
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 05/10/01 Page 3
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
7
V
Input Voltage, dc
VI
VSS
-0.5
VDD
+0.5
V
Output Voltage, dc
VO
VSS
-0.5
VDD
+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature
TA
0
70
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
Input Static Discharge Voltage Protection
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
2. DC Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current, Dynamic, with
Loaded Outputs
IDD
FXIN = 8 - 15MHz
Ouput load of 10pF
20
mA
Operating Voltage
VDD
3.13
3.47
V
Output High Voltage
VOH
IOH = -12mA
2.4
V
Output Low Voltage
VOL
ILO = 12mA
0.4
V
Output High Voltage at CMOS
level
VOHC
IOH = -4mA
VDD– 0.4
V
Operating Supply Current
IDD
No Load
7
mA
Short Circuit Current
±50
mA
VIN, VCXO Control Voltage
0
3.3
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com