Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCS-PG310 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # WCS-PG310
Description  WCS interface module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

WCS-PG310 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  WCS-PG310 Datasheet HTML 1Page - Pepperl+Fuchs Inc. WCS-PG310 Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WCS-PG310
Germany: +49 621 776-4411
Subject to modifications without notice
Pepperl+Fuchs Group
fa-info@pepperl-fuchs.com
www.pepperl-fuchs.com
USA: +1 330 486 0001
fa-info@us.pepperl-fuchs.com
Singapore: +65 6779 9091
fa-info@sg.pepperl-fuchs.com
Copyright Pepperl+Fuchs
2
Operating temperature
0 ... 55 °C (32 ... 131 °F) , no moisture condensation
Storage temperature
-40 ... 70 °C (-40 ... 158 °F)
Relative humidity
≤ 80 %
Mechanical specifications
Connection type
Interface 1: 9-pin Sub-D connector
Interface 2: terminal connection ≤ 2.5 mm2 , 7-pin
Housing width
23 mm
Housing height
111 mm
Housing depth
115 mm
Degree of protection
IP20
Material
plastic
Installation position
any position
Mass
approx. 200 g



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com