Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCBG6SP Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LCBG6SP
Description  Custom Tuning
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCBG6SP Datasheet(HTML) 1 Page - OSRAM GmbH

  LCBG6SP Datasheet HTML 1Page - OSRAM GmbH LCBG6SP Datasheet HTML 2Page - OSRAM GmbH LCBG6SP Datasheet HTML 3Page - OSRAM GmbH LCBG6SP Datasheet HTML 4Page - OSRAM GmbH LCBG6SP Datasheet HTML 5Page - OSRAM GmbH LCBG6SP Datasheet HTML 6Page - OSRAM GmbH LCBG6SP Datasheet HTML 7Page - OSRAM GmbH LCBG6SP Datasheet HTML 8Page - OSRAM GmbH LCBG6SP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LCB G6SP
1 Version 1.2 | 2020-06-29
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
LCB G6SP
Advanced Power TOPLED®
Advanced Power TOPLED features a compact pack-
age with a wide brightness range and high luminous
efficiency.
—
Custom Tuning
—
Interior Illumination (e.g. Ambient Map)
Features:
—
Package: white SMT package, colored diffused silicone resin
—
Chip technology: ThinGaN
—
Typ. Radiation: 120° (Lambertian emitter)
—
Color: Cx = 0.2, Cy = 0.3 acc. to CIE 1931 (● color on demand blue)
—
Optical efficacy: 46 lm/W
—
Corrosion Robustness Class: 3B
—
Qualifications: AEC-Q102 Qualified with RV-level 1
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)


Similar Part No. - LCBG6SP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCBG6SP-DBFA-4J5L OSRAM-LCBG6SP-DBFA-4J5L Datasheet
651Kb / 22P
white SMT package, colored diffused silicone resin
More results

Similar Description - LCBG6SP

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BBY24-BBY27 SIEMENS-BBY24-BBY27 Datasheet
15Kb / 2P
Silicon Tuning Varactors (Abrupt junction tuning diode Tuning range 120 V)
logo
Advanced Semiconductor
MV1403 ASI-MV1403 Datasheet
11Kb / 1P
TUNING VARACTOR
REV. A
logo
RCD COMPONENTS INC.
DSN082-10R0-Q RCD-DSN082-10R0-Q Datasheet
169Kb / 1P
CUSTOM NETWORKS
logo
Adam Technologies, Inc.
CS-V-01-X ADAM-TECH-CS-V-01-X Datasheet
64Kb / 1P
CUSTOM SLEEVE
logo
Laird Tech Smart Techno...
FG1520 LSTD-FG1520 Datasheet
1Mb / 1P
Custom tuning available
FG1563 LSTD-FG1563 Datasheet
1Mb / 1P
Custom tuning available
FG4700 LSTD-FG4700 Datasheet
442Kb / 1P
Custom tuning available
FG24005 LSTD-FG24005 Datasheet
1Mb / 1P
Custom tuning available
FG1523 LSTD-FG1523 Datasheet
1Mb / 1P
Custom tuning available
logo
Grayhill, Inc
61A GRAYHILL-61A Datasheet
5Mb / 33P
Custom, Absolute
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com