Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSG6SP.01 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LSG6SP.01
Description  Signalling
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSG6SP.01 Datasheet(HTML) 1 Page - OSRAM GmbH

  LSG6SP.01 Datasheet HTML 1Page - OSRAM GmbH LSG6SP.01 Datasheet HTML 2Page - OSRAM GmbH LSG6SP.01 Datasheet HTML 3Page - OSRAM GmbH LSG6SP.01 Datasheet HTML 4Page - OSRAM GmbH LSG6SP.01 Datasheet HTML 5Page - OSRAM GmbH LSG6SP.01 Datasheet HTML 6Page - OSRAM GmbH LSG6SP.01 Datasheet HTML 7Page - OSRAM GmbH LSG6SP.01 Datasheet HTML 8Page - OSRAM GmbH LSG6SP.01 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LS G6SP.01
1 Version 1.2 | 2020-06-15
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
LS G6SP.01
Advanced Power TOPLED®
Latest version of Advanced Power TOPLED with
increased brightness and improved thermal manage-
ment.
—
Signalling
Features:
—
Package: white SMT package, colorless clear silicone resin
—
Chip technology: Thinfilm
—
Typ. Radiation: 120° (Lambertian emitter)
—
Color: λ
dom = 630 nm (● super red)
—
Corrosion Robustness Class: 3B
—
Qualifications: AEC-Q102 Qualified with RV-level 1
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)


Similar Part No. - LSG6SP.01

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSG6SP OSRAM-LSG6SP Datasheet
610Kb / 21P
Advanced Power TOPLED
LSG6SP-CADB-1-1 OSRAM-LSG6SP-CADB-1-1 Datasheet
610Kb / 21P
Automotive Interior Lighting
LSG6SP-CADB-1-1 OSRAM-LSG6SP-CADB-1-1 Datasheet
610Kb / 21P
Advanced Power TOPLED
More results

Similar Description - LSG6SP.01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MK5027 STMICROELECTRONICS-MK5027 Datasheet
183Kb / 19P
SS7 SIGNALLING LINK CONTROLLER
Aug-1989
logo
CML Microcircuits
FX-107 CMLMICRO-FX-107 Datasheet
1Mb / 8P
SELECTIVE SIGNALLING DEVICES
FX818 CMLMICRO-FX818 Datasheet
672Kb / 26P
CTCSS SIGNALLING PROCESSOR
logo
List of Unclassifed Man...
ZB2BA5 ETC2-ZB2BA5 Datasheet
1Mb / 23P
CONTROL AND SIGNALLING UNITS
ZB4BD2 ETC2-ZB4BD2 Datasheet
228Kb / 5P
Control and signalling units 22
logo
OSRAM GmbH
LCYW5SM OSRAM-LCYW5SM_18 Datasheet
1Mb / 23P
Signalling
LRW5SM OSRAM-LRW5SM_18 Datasheet
1Mb / 22P
Signalling
LAG6SP.01 OSRAM-LAG6SP.01 Datasheet
1Mb / 21P
Signalling
LRG6SP.01 OSRAM-LRG6SP.01 Datasheet
1Mb / 21P
Signalling
logo
Schneider Electric
940-0024 SCHNEIDER-940-0024 Datasheet
94Kb / 2P
UPS Communications Cable Smart Signalling
Oct 17, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com