Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4059R Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH4059R
Description  Electronic Equipment
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4059R Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH4059R Datasheet HTML 1Page - OSRAM GmbH SFH4059R Datasheet HTML 2Page - OSRAM GmbH SFH4059R Datasheet HTML 3Page - OSRAM GmbH SFH4059R Datasheet HTML 4Page - OSRAM GmbH SFH4059R Datasheet HTML 5Page - OSRAM GmbH SFH4059R Datasheet HTML 6Page - OSRAM GmbH SFH4059R Datasheet HTML 7Page - OSRAM GmbH SFH4059R Datasheet HTML 8Page - OSRAM GmbH SFH4059R Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SFH 4059R
4 Version 1.3 | 2020-03-18
Brightness Groups
T
A = 25 °C
Group
Irradiance 1)2)
Irradiance 1)2)
I
F = 70 mA; tp = 20 ms
I
F = 70 mA; tp = 20 ms
min.
max.
E
e
E
e
Q
7.1 mW/cm²
11.2 mW/cm²
R
11.2 mW/cm²
18.0 mW/cm²
S
18.0 mW/cm²
28.0 mW/cm²
Only one group in one packing unit (variation lower 2:1).
E
e measured in the near field with a detector (7.2 mm diameter) in 20 mm distance (Ω = 0.1 sr) to the device
surface
Relative Spectral Emission 9), 10)
I
e,rel = f (λ); IF = 70 mA; tp = 20 ms
700
0
nm
%
OHF04132
20
40
60
80
100
950
750
800
850
Irel
λ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com