Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAZ52211AM Datasheet(PDF) 10 Page - Pulse A Technitrol Company

Part # RAZ52211AM
Description  GNSS / 2x LTE / 0, 1x, 2x or 3x WiFi Adhesive Mount
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

RAZ52211AM Datasheet(HTML) 10 Page - Pulse A Technitrol Company

Back Button RAZ52211AM Datasheet HTML 6Page - Pulse A Technitrol Company RAZ52211AM Datasheet HTML 7Page - Pulse A Technitrol Company RAZ52211AM Datasheet HTML 8Page - Pulse A Technitrol Company RAZ52211AM Datasheet HTML 9Page - Pulse A Technitrol Company RAZ52211AM Datasheet HTML 10Page - Pulse A Technitrol Company RAZ52211AM Datasheet HTML 11Page - Pulse A Technitrol Company RAZ52211AM Datasheet HTML 12Page - Pulse A Technitrol Company RAZ52211AM Datasheet HTML 13Page - Pulse A Technitrol Company RAZ52211AM Datasheet HTML 14Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Issue: 1742
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: GNSS / 2x LTE / 0, 1x, 2x or 3x WiFi
Adhesive Mount
Series: RAZORBACK
PART NUMBER: RAZ32011AM, RAZ32012AM, RAZ42111AM,
RAZ42112AM, RAZ52211AM, RAZ52212AM, RAZ62311AM, RAZ62312AM
CHARTS
10
0
1
2
3
4
5
6
7
8
Frequency, MHz
Peak Gain vs Frequency
RAZ62311AM Measured with 4" cables on Ø40" GP (LTE 2)
Measured at Pulse, USA - Aug 04, 2017
640-960
1710-2170
2300-2700
0
10
20
30
40
50
60
70
80
90
100
Frequency, MHz
Efficiency vs Frequency
RAZ62311AM Measured with 4" cables on Ø40" GP (LTE 2)
Measured at Pulse, USA - aUG 04, 2017
640-960
1710-2170
2300-2700
LTE 2
Measured with
102mm (4”) cable
LTE 2
Measured with
102mm (4”) cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com