Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAZ32011DM Datasheet(PDF) 11 Page - Pulse A Technitrol Company

Part # RAZ32011DM
Description  GNSS/2x LTE/0, 1x, 2x or 3x WiFiDirect Mount
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

RAZ32011DM Datasheet(HTML) 11 Page - Pulse A Technitrol Company

Back Button RAZ32011DM Datasheet HTML 7Page - Pulse A Technitrol Company RAZ32011DM Datasheet HTML 8Page - Pulse A Technitrol Company RAZ32011DM Datasheet HTML 9Page - Pulse A Technitrol Company RAZ32011DM Datasheet HTML 10Page - Pulse A Technitrol Company RAZ32011DM Datasheet HTML 11Page - Pulse A Technitrol Company RAZ32011DM Datasheet HTML 12Page - Pulse A Technitrol Company RAZ32011DM Datasheet HTML 13Page - Pulse A Technitrol Company RAZ32011DM Datasheet HTML 14Page - Pulse A Technitrol Company RAZ32011DM Datasheet HTML 15Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Issue: 1827
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: GNSS/2x LTE/0, 1x, 2x or 3x WiFi
Direct Mount
Series: RAZORBACK
PART NUMBER: RAZ32011DM, RAZ32012DM, RAZ42111DM,
RAZ42112DM, RAZ52211DM, RAZ52212DM, RAZ62311DM, RAZ62312DM
CHARTS
11
LTE 2
Measured with
102mm (4”) cable
LTE 2
Measured with
102mm (4”) cable
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
XY plane @ Lower Band
800
1930
2500
Phi Angle (°)
-3.21
-1.25
145
0.00
2.17
149
-2.64
-0.06
162
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
800
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
1930
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
2500
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
ZX plane @ Lower Band
800
1930
2500
Theta Angle (°)
-1.75
2.78
42
-3.00
5.07
26
-1.70
6.13
29
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
800
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
1930
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
2500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com