Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAZ62311DM Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # RAZ62311DM
Description  GNSS/2x LTE/0, 1x, 2x or 3x WiFiDirect Mount
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

RAZ62311DM Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  RAZ62311DM Datasheet HTML 1Page - Pulse A Technitrol Company RAZ62311DM Datasheet HTML 2Page - Pulse A Technitrol Company RAZ62311DM Datasheet HTML 3Page - Pulse A Technitrol Company RAZ62311DM Datasheet HTML 4Page - Pulse A Technitrol Company RAZ62311DM Datasheet HTML 5Page - Pulse A Technitrol Company RAZ62311DM Datasheet HTML 6Page - Pulse A Technitrol Company RAZ62311DM Datasheet HTML 7Page - Pulse A Technitrol Company RAZ62311DM Datasheet HTML 8Page - Pulse A Technitrol Company RAZ62311DM Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Issue: 1827
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: GNSS/2x LTE/0, 1x, 2x or 3x WiFi
Direct Mount
Series: RAZORBACK
PART NUMBER: RAZ32011DM, RAZ32012DM, RAZ42111DM,
RAZ42112DM, RAZ52211DM, RAZ52212DM, RAZ62311DM, RAZ62312DM
3
Length/Height/Width
195.1mm (7.68”)/92.6 (3.65”)/88.5mm (3.48”)
Weight
856 g (1.9 lbs)
Antenna Color / Material
Black or White / PC/ABS, UV protected
Cable / Connector
2x LTE, 5.2m (17’) LMR-195/SMA-Male
1x, 2x or 3x WiFi
, 5.2m (17’) LMR-195/RP-SMA-Male
GNSS, 5.2m (17’) RG-174/SMA-Male
Mounting Configuration
Ø22.3mm (7/8”) Hole required
Operating Temperature
-40/+85°C
Ingress Protection
IP67
RoHS Compliant
Yes
MECHANICAL SPECIFICATIONS
ENVIRONMENTAL SPECIFICATIONS
OTHER SPECIFICATIONS
Total cable assembly loss for 5.2m (17’) LMR-195 @ 850MHz
2.1 dB
Total cable assembly loss for 5.2m (17’) RG-174 @ 1575MHz
6.0 dB
Total cable assembly loss for 5.2m (17’) LMR-195 @ 1930MHz
3.2 dB
Total cable assembly loss for 5.2m (17’) LMR-195 @ 2500MHz
3.7 dB
Total cable assembly loss for 5.2m (17’) LMR-195 @ 2450MHz
3.6 dB
Total cable assembly loss for 5.2m (17’) LMR-195 @ 5350MHz
5.5 dB
ELECTRICAL SPECIFICATIONS
Out of Band Rejection
960MHz >65 dB, 1710MHz >60 dB,
2170MHz >65 dB, 2400MHz >65 dB
Noise Figure
< 2.4dB
Operating Voltage
3.3 - 5 Vdc
 0.5 V
Current Consumption
< 11 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com